Electronic Components Datasheet Search
  English  ▼

X  

TPS65166 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 14Page - Texas Instruments TPS65166 Datasheet HTML 15Page - Texas Instruments TPS65166 Datasheet HTML 16Page - Texas Instruments TPS65166 Datasheet HTML 17Page - Texas Instruments TPS65166 Datasheet HTML 18Page - Texas Instruments TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments TPS65166 Datasheet HTML 21Page - Texas Instruments TPS65166 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
log
_
450
450
22
ic
PG
low
V
V
R
W ´
=
W +
(1)
_
log
22 (1
)
PG high
ic
out
V
V
R
A
I
m
=
-
´
+
(2)
Setting the Delay Times DLY1, DLY2
DLY
th
5 A
DLY
5 A
DLY
C
=
=
, with DLY = Desired delay time
V
1.24 V
m
´
m
´
(3)
DLY
5
A
2.5 ms
C
=
= 10.1 nF
CDLY = 10 nF
1.24 V
m
´
Þ
(4)
Boost Converter
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
The resulting PG voltage if PG pin is high impedance is dependent on R22 connection voltage (Vlogic), R22 value
and output current Iout of PG node. The output current is flowing to the external scan driver. Assuming a
maximum switch leakage current of 1
µA the minimum PG output voltage can be calculated as following:
Recommended are R22 values between 5k
Ω and 500kΩ. Typical value for R22 is 10kΩ.
Connecting an external capacitor to the DLY1 and DLY2 pins sets the delay time. The capacitor is charged with
a constant current source of typically 5
µA. The delay time is terminated when the capacitor voltage has reached
the threshold voltage of Vth = 1.24V. If no capacitor is set, the delay time is zero. The external capacitors can be
calculated as follows:
Example for setting a delay time of 2.5ms:
The non-synchronous current mode boost converter operates in Pulse Width Modulation (PWM) operation with a
fixed frequency of 750 kHz. For maximum flexibility and stability with different external components the converter
uses external loop compensation. At start up the boost converter starts with an externally adjustable soft-start.
The boost converter provides the supply voltage for the LCD source driver as well as for the charge pump
regulator VONE. This needs to be taken into account when defining the output current requirements for the boost
converter. No feed-forward capacitor is needed for proper operation.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com