Electronic Components Datasheet Search
  English  ▼

X  

TPS65166 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 27Page - Texas Instruments TPS65166 Datasheet HTML 28Page - Texas Instruments TPS65166 Datasheet HTML 29Page - Texas Instruments TPS65166 Datasheet HTML 30Page - Texas Instruments TPS65166 Datasheet HTML 31Page - Texas Instruments TPS65166 Datasheet HTML 32Page - Texas Instruments TPS65166 Datasheet HTML 33Page - Texas Instruments TPS65166 Datasheet HTML 34Page - Texas Instruments TPS65166 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
ONE
s
ONE
D2
ONE
I
Power dissipation = 2
V
V
2
V
R
I
D
æ
ö
´
-
-
´
-
´
´
ç
÷
è
ø
(40)
Resistor R12 Function and Power Dissipation (Positive Charge Pump)
2
resistor
ONE
P
= R12
I
´
(41)
Output Capacitor Selection (Positive Charge Pump)
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
The power dissipation of the transistor should be calculated for the maximum applied boost output voltage VS. If
high voltage stress mode (HVS) is used the maximum VS voltage occurs during HVS mode.:
As an example for Vs = 18V and IONE = 150mA, the power dissipation is approximately 1W.
Because of the 1
µF collector capacitor C16 a wide range of transistors can be used. The most important
transistor parameters are Collector-Emitter voltage which must be at least 2 x VS , average current rating of 1.2 x
IONE and DC current gain hFE, which must be at least IONE / IBase2. IBase2 minimum value of 8mA should be used
for calculation. See Table 13 for possible transistor selection.
Table 13. Transistor Selection (Positive Charge Pump)
TRANSISTOR
PZT2907A
KTA1552T
KTA1718D
KTA1666
R12 is used to limit the peak current flowing from collector capacitor C16 through R12, D3 and C15 into the
boost switching node. High peak currents disturb the boost converter switching which results in high VS and VONE
ripple. The power dissipation for the resistor R12 can be calculated by following formula:
For the best output voltage filtering, low ESR ceramic output capacitors are recommended. Two 4.7
µF ceramic
output capacitors with sufficient voltage rating are adequate for most applications. Additional capacitors can be
added to improve the load transient regulation. See Table 14 for capacitor selection.
Table 14. Output Capacitor Selection (Positive Charge Pump)
CAPACITOR
COMPONENT SUPPLIER
4.7
µF/50V
Murata, GRM31CR71H475KA12
4.7
µF/50V
Taiyo Yuden, UMK316BJ475KL-T
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com