Electronic Components Datasheet Search
  English  ▼

X  

TPS65166 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 15Page - Texas Instruments TPS65166 Datasheet HTML 16Page - Texas Instruments TPS65166 Datasheet HTML 17Page - Texas Instruments TPS65166 Datasheet HTML 18Page - Texas Instruments TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments TPS65166 Datasheet HTML 21Page - Texas Instruments TPS65166 Datasheet HTML 22Page - Texas Instruments TPS65166 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
SW1
Overvoltage
Comperator
Comparator
Error
Amplifier
N-MOS
SW2
D
S
CurrentSampling
&
SlopeCompensation
CurrentLimit
&
Softstart
ControlLogic
PGND1
PGND2
OS
1.24V
750kHz
Oscillator
COMP
FB1
1.24V
Overvoltage
Comparator
Shortcircuit
Comparator
1.24V + 3%
100 mV
SS
AVIN
GD
ISS
D
S
450W
RHVS
HVS
VL
6V
10kW
IGD
Switch
Soft-Start (Boost Converter)
2
2
inductor
SS
SS
inductor
I
0.43
mA
0.43
t
mA
=
C
=
t
C
V
I
V
D
´ D
´
´
D
D
(5)
Compensation (Boost Converter)
1
2
4
5
Z
f
R
C
p
=
´
´
´
(6)
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
Figure 24. Boost Converter Block Diagram
To avoid high inrush current during start-up an internal soft-start is implemented. The soft-start time is set by an
external capacitor connected to the SS pin. The capacitor is charged with a constant current of typically 10
µA,
which increases the voltage at the SS pin. The internal switch current limit is proportional to the SS pin voltage
and rises with rising voltage until VS is in regulation or the maximum current limit is reached. The larger the
soft-start capacitor value the longer the soft-start time. For a 100nF capacitor at the SS pin, the current limit is
reached after 0.9ms. An estimation of the current limit slope
ΔIinductor and CSS capacitor can be made by the
following formulas.
The regulator loop can be compensated by adjusting the external components connected to the COMP pin. The
typical value of R4 = 39k
Ω and C5 = 1nF is appropriate for most applications. The below formula calculates at
what frequency the resistor R4 increases the high frequency gain.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com