Electronic Components Datasheet Search
  English  ▼

X  

TLK3104SC Datasheet(PDF) 21 Page - Texas Instruments

Part # TLK3104SC
Description  3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3104SC Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK3104SC Datasheet HTML 17Page - Texas Instruments TLK3104SC Datasheet HTML 18Page - Texas Instruments TLK3104SC Datasheet HTML 19Page - Texas Instruments TLK3104SC Datasheet HTML 20Page - Texas Instruments TLK3104SC Datasheet HTML 21Page - Texas Instruments TLK3104SC Datasheet HTML 22Page - Texas Instruments TLK3104SC Datasheet HTML 23Page - Texas Instruments TLK3104SC Datasheet HTML 24Page - Texas Instruments TLK3104SC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TLK3104SCGNT
3.125Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
SLLS537A − SEPTEMBER 2002 − REVISED JANUARY 2007
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MDIO/MDC management interface (continued)
The MDIO management interface consists of a bidirectional data path (MDIO) and a clock reference (MDC).
The timing required to read to the internal registers is shown in Figure 14. The timing required to write from the
internal registers is shown in Figure 15. The TLK3104SCGNT reads in and latches out register bits on the rising
edge of the MDC clock and it could run as fast as 10 MHz. The MDIO controller, on the other hand, drives and
reads MDIO on falling edge of the MDC clock.
MDC
A4
MDIO
A0
R4
R0
0
1
1
0
0
High-Z
D15
D0
32 “1”s
Preamble
SFD
Read Code
PHY Address
Turn Around
Register Address
Data
Idle
Figure 14. Management Interface Read Timing
MDC
A4
MDIO
A0
R4
R0
1
0
1
0
0
D15
D0
32 “1”s
Preamble
SFD
Write Code
PHY Address
Turn Around
Register Address
Data
Idle
1
Figure 15. Management Interface Write Timing
The MDIO management interface allows up to 32 (16 bit) internal registers. Sixteen registers are defined by the
IEEE 802.3 clause 22 specification. Additional registers are allowed for expanded functionality. The
TLK3104SCGNT implements five IEEE defined registers. The TLK3104SCGNT also implements eight registers
for expanded functionality. Both the IEEE defined registers and the expanded functionality registers are outlined
in Table 6.
Table 6. MDIO Registers
REGISTER ADDRESS
REGISTER NAME
DEFINITION
0
Control
IEEE 802.3 defined. See Table 7
1
Status
IEEE 802.3 defined. See Table 8
2,3
PHY identifier
IEEE 802.3 defined. See Table 9
4−14
Not applicable
15
Extended status
IEEE 802.3 defined. See Table 10
16
Global configuration
See Table 11
17:20
Channel A−D configuration
See Tables 12, 13, 14, and 15
21
Test register
For production test only.
22
Channel status
See Table 16
23
Parity error detection
See Table 17
24
Channel synchronization FIFO
See Table 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com