Electronic Components Datasheet Search
  English  ▼

X  

TLK3104SC Datasheet(PDF) 7 Page - Texas Instruments

Part # TLK3104SC
Description  3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3104SC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK3104SC Datasheet HTML 3Page - Texas Instruments TLK3104SC Datasheet HTML 4Page - Texas Instruments TLK3104SC Datasheet HTML 5Page - Texas Instruments TLK3104SC Datasheet HTML 6Page - Texas Instruments TLK3104SC Datasheet HTML 7Page - Texas Instruments TLK3104SC Datasheet HTML 8Page - Texas Instruments TLK3104SC Datasheet HTML 9Page - Texas Instruments TLK3104SC Datasheet HTML 10Page - Texas Instruments TLK3104SC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLK3104SCGNT
3.125Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
SLLS537A − SEPTEMBER 2002 − REVISED JANUARY 2007
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
JTAG Interface
TCLK
A3
TTL input
JTAG clock. TCLK is used to clock state information and test data into and out of the device
during the operation of the test port.
TDI
B3
TTL input
(with pullup)
JTAG input data. TDI is used to serially shift test data and test instructions into the device
during the operation of the test port.
TDO
A2
TTL output
JTAG output data. TDO is used to serially shift test data and test instructions out of the device
during operation of the test port.
TMS
B2
TTL input
(with pullup)
JTAG mode select. TMS is used to control the state of the internal test-port controller.
TRSTN
A1
TTL input
(with pullup)
JTAG reset. TRSTN is used to reset the internal JTAG controller.
Management Data Interface
DVAD(0−4)
R1, T1,
T3, T2, R2
TTL input
Management address
MDC
U2
TTL input
Management interface clock. MDC is the clock reference for the transfer of management
data to and from the protocol device.
MDIO
U3
TTL I/O
Management address/data I/O. MDIO is the bidirectional serial data path for the transfer of
management data to and from the protocol device.
Control Pins
CODE
J1
TTL input
(with pullup)
8-b/10-b enable. When this pin is asserted high, the on chip 8-b/10-b encoder/decoder is
enabled. For testing purpose, the 8-b/10-b endec could be bypassed by driving the pin low. If
intended to use bypass mode under normal operation, an 8-b/10-b or equivalent coding
scheme is needed to encode the random data before it enters the TLK3104SCGNT.
CONFIG0,
CONFIG1
D2, C2
TTL input
(with pulldown)
Configuration pins. Put the device under one of the four operation modes: TX only, RX only,
transceiver, and repeater mode.
ENABLE
U1
TTL Input (with
pullup)
Standby enable. When this pin is held low, the device is disabled for IDDQ testing. When
high, the device operates normally.
LPEN(A−D)
C3, D3,
P3, R3
TTL input
(with pulldown)
Internal loop enable, channels A−D. When high, the serial output for each channel is
internally looped back to its serial input.
PRBSEN
P1
TTL input
(with pulldown)
PRBS testing enable. When this pin is asserted high, the device is put into the PRBS testing
mode.
PSYNC
C1
TTL input (with
pulldown)
Channel synchronization enable. When PSYNC = high, the channel synchronization FIFO
at the receive data path is enabled. All four channels are clocked by RCA.
RSTN
B1
TTL input (with
pullup)
Chip reset. Pulsing this pin low for at least 8 RFC cycles resets the logic states for the whole
chip.
SYNCEN
D1
TTL input
(with pullup)
Comma detect enable. When this pin is asserted high, the comma detect circuit for byte
alignment is turned on.
TESTEN
P2
TTL input
(with pulldown)
Test mode enable should be left unconnected or tied low. This is for production test only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com