Electronic Components Datasheet Search
  English  ▼

X  

TLK3104SC Datasheet(PDF) 32 Page - Texas Instruments

Part # TLK3104SC
Description  3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3104SC Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLK3104SC Datasheet HTML 28Page - Texas Instruments TLK3104SC Datasheet HTML 29Page - Texas Instruments TLK3104SC Datasheet HTML 30Page - Texas Instruments TLK3104SC Datasheet HTML 31Page - Texas Instruments TLK3104SC Datasheet HTML 32Page - Texas Instruments TLK3104SC Datasheet HTML 33Page - Texas Instruments TLK3104SC Datasheet HTML 34Page - Texas Instruments TLK3104SC Datasheet HTML 35Page - Texas Instruments TLK3104SC Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
TLK3104SCGNT
3.125Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
SLLS537A − SEPTEMBER 2002 − REVISED JANUARY 2007
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IDDEN function
When held low, the ENABLE pin disables all quiescent power in both the analog and digital circuitry. This allows
for IDDQ testing on all power supplies and can also be used to conserve power when the link is inactive.
loopback testing
The TLK3104SCGNT can provide a self-test function by enabling the internal loop-back path with the assertion
of LPENx for each channel. Enabling this pin causes the serial transmitted data to be routed internally to the
receiver for that channel. The parallel data output can be compared to the parallel input data for that channel
to provide functional verification. The external serial output is held in a high-impedance state during the
loop-back testing.
JTAG
The TLK3104SCGNT has a JTAG test control interface to allow for boundary scan. However, due to the
sensitivity of the high-speed serial pins, TXxP/N and RXxP/N are not scanned under JTAG.
power-on reset
Upon application of minimum valid power, the TLK3104SCGNT generates a power-on reset. During the
power-on reset the receive data pins RDx[0..3] are 3-state and the recovered receive clock pins RCx are held
low. The length of the power-on reset cycle is dependent upon the reference clock (RFCP/RFCN) frequency,
but is less than 1 ms in duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com