Electronic Components Datasheet Search
  English  ▼

X  

TLK3104SC Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK3104SC
Description  3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3104SC Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK3104SC Datasheet HTML 9Page - Texas Instruments TLK3104SC Datasheet HTML 10Page - Texas Instruments TLK3104SC Datasheet HTML 11Page - Texas Instruments TLK3104SC Datasheet HTML 12Page - Texas Instruments TLK3104SC Datasheet HTML 13Page - Texas Instruments TLK3104SC Datasheet HTML 14Page - Texas Instruments TLK3104SC Datasheet HTML 15Page - Texas Instruments TLK3104SC Datasheet HTML 16Page - Texas Instruments TLK3104SC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TLK3104SCGNT
3.125Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
SLLS537A − SEPTEMBER 2002 − REVISED JANUARY 2007
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
channel clock to serial transmit clock synchronization (continued)
Channel
Logic
Protocol Device
TX
FIFO
Channel A
TCA
TLK3104SCGNT
Serdes
Core
Data A
Channel
Logic
TX
FIFO
Channel B
TCB
Data B
Serdes
Core
Channel
Logic
TX
FIFO
Channel C
TCC
Data C
Serdes
Core
Channel
Logic
TX
FIFO
Channel D
TCD
Data D
Serdes
Core
Xtal Osc.
RFCP/RFCN
Figure 6. Transmit and Reference Clock Relationship
PRBS generator and verifier
The TLK3104SCGNT has a built-in 27-1 pseudo-random bit stream (PRBS) self-test function available on each
channel. The generator has a polynomial equation of 1 + x6 + x7. When the self-test function is enabled via the
MDIO or by asserting the PRBSEN pin high, the PRBS pattern is generated and fed into the 10-bit
parallel-to-serial converter. Data from the normal input source is ignored during the self-test mode. The PRBS
pattern is then fed through the transmit circuitry as if it were normal data and sent out to the transmitter. The
output can be sent to a bit error rate tester (BERT), the receiver of another TLK3104SCGNT channel, or can
be looped back to the receive input of the particular channel. Since the PRBS is not really random but a
predetermined sequence of ones and zeroes, the data can be captured and checked for errors by a BERT.
Result reporting of the self-test is available on the RDKx pins and MDIO registers when this test mode is
enabled. Through a mux controlled by PRBSEN, one bit test result (pass or fail) is sent to the RDKx pin. A high
state on these pins under this test mode indicates an error free link. MDIO register 22.4 to 22.7 are also for the
PRBS test indicating the status of the test and they can be accessed through the MDIO interface.
When the PRBS testing is enabled through the PRBSEN pin or MDIO, the SYNCEN pin is used for production
testing only. The user needs to make sure this pin is grounded for proper PRBS testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com