Electronic Components Datasheet Search
  English  ▼

X  

TLK3104SC Datasheet(PDF) 8 Page - Texas Instruments

Part # TLK3104SC
Description  3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3104SC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK3104SC Datasheet HTML 4Page - Texas Instruments TLK3104SC Datasheet HTML 5Page - Texas Instruments TLK3104SC Datasheet HTML 6Page - Texas Instruments TLK3104SC Datasheet HTML 7Page - Texas Instruments TLK3104SC Datasheet HTML 8Page - Texas Instruments TLK3104SC Datasheet HTML 9Page - Texas Instruments TLK3104SC Datasheet HTML 10Page - Texas Instruments TLK3104SC Datasheet HTML 11Page - Texas Instruments TLK3104SC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TLK3104SCGNT
3.125Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
SLLS537A − SEPTEMBER 2002 − REVISED JANUARY 2007
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
Voltage Supply and Reference Pins
GND
B17, B15, B12, B9, E17, E14,
E11, E8−E5, H17, H14, H5, H3,
H2, J5, K17, K14, K5, K3, K2,
N5−N8, N11, N14, N17, T17, T15,
T12, T9
Ground
Digital logic ground. Supply reference for core logic.
GNDA
A4, B4, B7, C4, C7, E1−E3, F5,
G5, L5, M5, N1−N3, R4, R7, T4,
T7, U4
Ground
Analog ground. Provides ground for analog circuitry.
T−GND
F6−F12, G6−G12, H6−H12,
J6−12, K6−K12, L6−L12, M6−M12
Ground
Thermal grounds. Electrically connected to GND, these pins provide a thermal
path for heat dissipation.
VDD
D4, D7, E4, H1, H4, J4, K1, K4,
N4, P4, P7
Supply
Core supply (2.5 V), digital logic power. Provides power for all digital circuitry.
VDDA
A5−A7, C5, C6, F1, F3, G1, G3,
L1, L3, M1, M3, R5, R6, U5−U7
Supply
Analog voltage supply (2.5 V). Provides power for all analog circuitry.
VDDIO
A9, A12, A15, A17, D11, D14,
D17, G14, G17, J15, L14, L17,
P11, P14, P17, U9, U12, U15, U17
Supply
LVDS supply voltage (2.5 V)
detailed description
The TLK3104SCGNT has four operational modes controlled by the two configuration pins. These operational
modes are listed in Table 1. When the device is put in a certain mode, unused circuit blocks are powered down
to conserve the system power.
While the transceiver mode, transmit only mode, and receive only mode are straightforward, the repeater mode
of operation is shown in Figure 1. The receive serial data is recovered by the extracted clock and is then sent
back out on the transmit serial outputs. The data eye opens both vertically and horizontally in this process.
Table 1. Operational Modes
MODE
CONFIG0
CONFIG1
DESCRIPTION
1
0
0
Full duplex transceiver mode
2
0
1
Transmit only mode
3
1
0
Receive only mode
4
1
1
Repeater mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com