Electronic Components Datasheet Search
  English  ▼

X  

IPS401 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IPS401 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
4 / 18
INTRODUCTION:
The IPS401 is based on the IPS101 core technology. It has all the qualities of AAI’s PFC controller with low
component count and a self-oscillating mode for low EMI and low switching losses, but it has been optimized for
driving multi-LED strings or arrays, meeting high-brightness, high number of white LED control requirements.. IItt
offers the same key features of its predecessor but in most applications does not require input and output electrolytic
capacitors.
OPERATING DESCRIPTION:
3-input current multiplier:
The IPS401controller incorporates a 3-input current-mode multiplier that monitors a constant loop gain and ensures
a good stability and response over a broad range of input AC voltages and output loads. It also forces the current
drawn from the AC line to be proportional to the instant line voltage thus resulting in a power factor close to unity.
This ensures to pass the AC line harmonic limits of the EN61000-3-2 standard for Class C equipment with all
application requirements.
Voltage error amplifier:
The IPS401 includes a voltage error amplifier between pin 6 and pin 7. It’s non-inverting input is connected to an
internally trimmed 0.50V reference. Its output connected to pin 7,
is internally connected to a V-to-I
converter/multiplier. As indicated in the typical application schematic of figure 1, pin 6 and pin 7 are used for the
following purposes:
(a) DC output overvoltage protection:
- The output DC voltage is set by the number and voltage characteristics of the output LED diodes in series.
- The number of zener diodes involved in the overvoltage protection circuitry is determined by
ΣVz min > Vout
(b) Loop feedback, linear dimming, PWM dimming.
(c) the loop feedback compensation network R1, C1, C2 (see Fig. 1) provides a suitable network for most
applications. More complicated schemes are possible for demanding applications where transient response is
paramount.
MOSFET current control:
The recommended use of the IPS401 is in a non-isolated boost converter operating from raw rectified AC voltage.
The FET, diode, and boost inductor generate a regulated output voltage that exceeds the peak voltage of the AC
input voltage.
The maximum current increases with increasing output power demand. Once Vcc is established, the control logic
turns the MOSFET on. The current in the inductor and MOSFET is sensed by resistor R9. The output power of the
circuit is determined by the value of this current.
When the current reaches the peak value set by the internal multiplier circuit, the MOSFET is switched off and the
current in the inductor decreases as it's energy is dumped into the output capacitor and load LEDs. In the
recommended application circuit, the inductor current decreases to zero, at which time the control logic turns the
MOSFET on again. The system is therefore self-oscillating and does not require a dedicated oscillator. Note that the
frequency varies with input voltage and output load, but:
- the frequency variation is low (less than 2:1).
- the frequency variation helps to reduce conducted EMI.
- the frequency decreases with increasing load. Lower frequency implies higher efficiency.
MOSFET driver:
The MOSFET driver has been sized to be capable of driving power MOSFETs featuring a total gate charge up to
80nC.
Due to the continuous mode of operations of the inductor, the MOSFET must be driven with a reasonably (but not
excessively) low impedance, to minimize switching losses at both turn-on and turn-off without generating too
excessive EMI.
In term of Ron, the driver’s output devices are as follow:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com