Electronic Components Datasheet Search
  English  ▼

X  

IPS401 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IPS401 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
5 / 18
- P-channel Ron:
30
Ω typical
- N-channel Ron:
20
Ω typical
A series resistor R3 on pin3 should be added to further reduce EMI and minimize the noise injection which could
result from Miller-capacitance kick-back during transient conditions.
Examples of suitable MOSFETS:
-
IXYS PolarHT
™ and Polar HV™ MOSFET series: IXTY1R4N60P, IXTY2N60P, IXTY3N60P
-
Fairchild MOSFET series: FQPF1N60, FQPF 2N60, FQPF 3N60.
-
Infineon COOLMOS
TM series: SPD01N60S5, SPD02N60S5, SPD03N60S5.
-
Motorola MOSFET series: MTP1N60, MTP2N60, MTP3N60.
-
SGS-Thomson MOSFET series: STD1NB60, STD2NB60, STD3NB60. Etc…
Note: Due to the rapid evolution of MOSFET technologies, please check for current models when designing a new
SMPS.
PolarHT
™ and Polar HV™ are trademarks of IXYS corporation. COOLMOSTM is a trademark of Infineon.
Thermal shutdown:
An internal temperature sensing protection circuit disables the MOSFET gate drive when the temperature exceeds a
typical value of 150°C. This circuit has sufficient hysteresis to prevent relaxation. Normal operations therefore only
resume when the junction temperature has dropped below approximately 120°C.
Shunt bandgap regulator:
The IPS401 internal trimmed bandgap shunt regulator behaves like a 10V zener but also provides the 0.50V
reference for the voltage error amplifier, and the various internal bias current and voltages required by the different
blocks.
During start-up, the current consumption in the regulator is very low, typically 100
μA, allowing many possible
schemes to power the IPS401. Once the “zener” value is reached, the MOSFET gate drive is enabled and normal
operation starts. When enabled, the typical chip consumption is 660
μA plus the current necessary to drive the
MOSFET which depends on the MOSFET’s total gate charge and the frequency of operation (linked to L1
inductance value).
The VCC voltage is allowed to drop below the “zener” value during normal operations but the circuit will reset itself
and re-enter start-up mode should the VCC drop below approximately 8 volts.
The shunt regulator is sized to handle up to 50mA, which is especially useful to power the IPS401 with few
components only. Be careful however not to exceed the package rated power dissipation (see table p7).
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING
Characteristics
Value
UNITS
Shunt regulator max ICC non-repetitive current (pin 5)
- see fig 7-
60
mA
Peak drive output current (pin7)
Source=100, Sink=200
mA
Isense input voltage (pin 2)
0 / - 10
V
VLINE maximum input current (pin4)
700
μA
Junction to case thermal resistance RθJ-C
PDIL = 42, SOIC = 45
Junction to PCB thermal resistance RθJ-A
PDIL = 125, SOIC =155
°C / W
Power dissipation for TA <= 70°C
PDIL = 640, SOIC = 500
mW
Operating junction temperature
- 40 to 150
Storage temperature range
- 55 to 150
Lead temperature (3 mm from case for 5 sec.)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com