Electronic Components Datasheet Search
  English  ▼

X  

IPS401 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IPS401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 10Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 11Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
8 / 18
Application Information
The IPS401 is intended for use as an LED controller in non-isolated applications directly connected to the AC line. It
operates as a boost-converter that controls output current rather than voltage. Constant current ensures controlled
brightness and consistent spectral output from the LEDs.
POWERING THE CHIP (Pin 5 – VCC, Pin 1 – GND)
The VCC pin acts like a 10V zener. The chip requires about 100uA to start and about 660 uA to operate. This does
not include the current used to drive the gate of the FET. The recommended value of startup resistor R6 is 750k
ohms. This will provide the 100uA of startup current when the input is above 750k x 100uA = 75 volts. Using a value
of 47uF for Vcc capacitor C5 should give sufficient holdup time for the chip to begin operating before the bias winding
on the boost inductor begins supplying power. Note that the frequency and duty-cycle on the bias winding will vary as
the driver follows the input voltage. The polarity of the bias winding does not matter if connected as shown in the
application schematic. The suggested values for the bias supply components are C4 = 4.7nF, D7/D8 = 1N4148, and
R4 =100 ohms. The current consumption during normal operation is 660 microamps maximum plus the gate drive
current.
During debug, it can be helpful to do testing with power supplied to the chip from a lab power supply. It is suggested
that PCB designs have a place to connect clips to the VCC and GND traces to facilitate this. It is important that an
external supply connected in this way be set in “constant current” or “current limited” mode. Typical settings are 10
milliamps and 12 volts.
AC LINE SENSE (Pin 4 – VLINE)
The amplitude of the rectified AC input is sensed through dropping resistor R5. The suggested value for R5 is 820k
for wide input range (85-265VAC) applications. The input impedance of the VLINE pin is about 20k ohms (plus two
diode drops) to ground.
GATE DRIVE (Pin 3 – GDRV)
The GDRV pin switches between VCC and GND with about 30 ohms resistance to VCC and about 20 ohms
resistance to GND. A series resistor between this pin and the gate of the FET of about 100 ohms is suggested to
control the turn-on and turn-off speed of the FET and thereby reduce the conducted and radiated EMI. Generally, a
higher resistor value means slower switching of the FET, lower efficiency, lower EMI, and higher FET losses (more
FET cooling needed).
Figure 7: Start-Up Current Drift over Temperature
0
20
40
60
80
100
120
140
160
-30
-10
10
30
50
70
90
110
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com