Electronic Components Datasheet Search
  English  ▼

X  

IPS401 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IPS401 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 10Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
7 / 18
Figure 4: Shunt Regulator Icc Current
0
20
40
60
80
100
120
140
0
246
8
10
12
14
Vcc
Figure 5: Vcc Drift over Temperature
10.06
10.08
10.1
10.12
10.14
10.16
10.18
10.2
-30
-10
10
30
50
70
90
110
130
Temperature (°C)
Icc=30mA
Icc=10mA
Figure 6: 0.5V Reference Drift over Temperature
0.4760
0.4800
0.4840
0.4880
0.4920
0.4960
0.5000
-30
-10
10
30
50
70
90
110
130
Temperature (degrees C)
Icc=10mA
Icc=30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com