Electronic Components Datasheet Search
  English  ▼

X  

IPS401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPS401 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
1 / 18
Part No.
ROHS/
Pb-Free
Package
Temperature Range
IPS401-05C-D
-G-LF
8-Pin PDIP
0
°C, +70°C
Commercial
IPS401-05I-D
-G-LF
8-Pin PDIP
-40
°C, +85°C
Industrial
IPS401-05C-SO
-G-LF
8-Pin SOIC
0
°C, +70°C
Commercial
IPS401-05I-SO
-G-LF
8-Pin SOIC
-40
°C, +85°C
Industrial
For detailed ordering information, see page 17
–
– R
RE
EV
VIIS
SIIO
ON
N 1
11
1 –
–
INTRODUCTION
DESCRIPTION
The IPS401 is the world’s first White LED controller
capable of driving one or more strings of up to 120
LEDs in series with high efficiency and power factor
correction. The IPS401 is the forerunner of a series of
Ics which will provide a means of implementing high
efficiency, long life, and reliable lighting systems for
public buildings, industry, homes, transportation
systems and secure installations. It is also the ultimate
solution for RGB backlighting, flat panel display
backlighting and automotive long life lighting and
energy saving requirements. Safety features of the
IPS401 include over voltage and over current
protection.
A host of novel features such as self-oscillating and
continuous
mode
of
operation,
PFC
capability
together with exceptionally low power dissipation
make the IPS401 a truly breakthrough product which
will establish standards for future “green” lighting
technology.
In addition to the compliance with power factor and
line harmonics regulations, using a PFC offers other
advantages like:
• Reducing the utility bill by making the actual
power drawn from the line almost equal to the
apparent power paid to the utility company
• Allowing more power to be drawn from the wall
outlet or line circuit breaker without exceeding
the limits set by UL or other safety agencies.
ORDERING INFORMATION
FEATURES
• Unique self oscillating with optimized PFC
controller able to drive hundreds of white LED
diodes, typically 120 to 1,000 from an AC source,
10 to several hundreds from a DC source.
• 12VDC to 265V AC sources and beyond
• Constant current LED operation for maximum
LED brightness, maximum life and reliability
• Built-in multiplier supports near unity power
factor and low harmonic distortion
• High-efficiency > 95% to save power and reduce
heat dissipation
• Self oscillating with jitter and optimum
continuous current mode to reduce harmonics,
improve EMI and efficiency
• LED current control and overvoltage protection
• LED intensity is application programmable or
dimmable
• Minimum design cycle with low component count
solutions
• No need for electrolytic capacitors in most
applications.
APPLICATIONS
• AC/DC LED Driver Applications
• DC/DC LED Driver Applications
• RGB backlighting
• Backlighting of LCD and PDP panels
• LED signs
• LED decoration
• Automotive applications
• Road signs, traffic lights
PIN CONFIGURATION:
DIP-8 / SOIC-8
IN-PLUG® series: IIP
PSS4
40
01
1
H
Hiiggh
h E
Effffiicciie
en
nccyy,, H
Hiiggh
h P
Po
ow
we
err F
Faacctto
orr,, U
Un
niivve
errssaall
H
Hiiggh
h B
Brriiggh
httn
ne
essss W
WH
HIIT
TE
E LLE
ED
D C
Co
on
nttrro
olllle
err
COMP
IS
LEDSENSE
VCC
VLINE
BYPASS
GDRIVE
GND
IPS401
1
45
8


Similar Part No. - IPS401

ManufacturerPart #DatasheetDescription
logo
IP SEMICONDUCTOR CO., L...
IPS4008-03U IPS-IPS4008-03U Datasheet
231Kb / 4P
High sensitive triggering levels
IPS4008-05U IPS-IPS4008-05U Datasheet
231Kb / 4P
High sensitive triggering levels
IPS4008-06U IPS-IPS4008-06U Datasheet
231Kb / 4P
High sensitive triggering levels
IPS4008-08U IPS-IPS4008-08U Datasheet
231Kb / 4P
High sensitive triggering levels
More results

Similar Description - IPS401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
Offline High Brightness White LED Driver Controller
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
logo
Monolithic Power System...
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
Universal Input High Brightness White LED Driver
logo
ON Semiconductor
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com