Electronic Components Datasheet Search
  English  ▼

X  

IPS401 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IPS401
Description  High Efficiency, High Power Factor, Universal High Brightness WHITE LED Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS401 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IPS401 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 10Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 11Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 12Page - List of Unclassifed Manufacturers IPS401 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IN-PLUG
® IPS401 Datasheet - Rev.11 - Universal WHITE LED Controller with 0.5V current FB voltage
© Copyright 2005-2007 - ASIC Advantage, Inc. – All rights reserved
- Revision 11 – April 02, 2007
9 / 18
ROLLOFF (Pin 8 – BYPASS)
A capacitor connected between the BYPASS pin and GND is used to create a voltage which allows the chip to sense
the peak/rms input voltage and adjust on and off times of the GDRV pin so as to maintain a constant current for the
LEDs. The suggested value of this capacitor is 1uF, with a 16V or greater rating.
CURRENT SENSE (Pin 2 – IS)
A low-value resistor R9 is used in the application to sense the inductor current. The voltage across this resistor is
sensed through resistor R2 from the IS pin to R9. Note that resistor R9 is NOT sensing just the FET current. Also
note that in the voltage being generated is a NEGATIVE voltage, below GND level. The waveform will be a sawtooth,
with an inductive ramp in both directions. The suggested series sense resistor R2 value is 1k ohms R9 should be
sized to give a peak voltage of about -1.2 volts. As a conceptual guide, two simulation results showing the voltage
across R9 are shown below. Vertical is the voltage and horizontal is time. The time scale is different between the two
pictures. The first picture shows the “critical conduction” mode nature of the design, where the current goes between
a peak value and zero (zero volts being the first major horizontal grid line from the top). The second picture shows
that the peak current follows the rectified AC line. In an actual circuit, the waveform would have switching noise
superimposed on it. A small capacitor from IS to GND (where C x R2 << T) may be useful to improve the circuit
behavior. Note that the IS pin is used to determine both when the peak current has been reached and the FET should
be turned off, and, when the current has reached zero and the FET should be turned on.
Fig. 8
Fig. 9
LED CURRENT SENSE AND COMPENSATION (Pin 6 – LEDSNS, Pin 7 - COMP)
Two capacitors and a resistor (C1, C2, and R1 shown in Fig.10 ) provide a network around the feedback amplifier
located inside the chip to stabilize the system performance. Recommended values are C1 = 100nF, C2 = 220nF, and
R1 = 24k ohms.
The LED current is sensed through a sense resistor (RS in Fig. 1 and Fig. 2 page 2) and fedback to LEDSNS through
resistor R1. The sense resistor RS should have a value of 0.50 volts divided by the desired peak string diode current.
The application circuit (Fig.10) also shows a suggested method for implementing output overvoltage protection by
connecting a zener diode (or string of diodes) from the output to the LED current sense point. If the output voltage
was to exceed the breakdown voltage of the zener, this will pull-up the LED current sense voltage and shut-off the
gate drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com