Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 17Page - Texas Instruments TMP431 Datasheet HTML 18Page - Texas Instruments TMP431 Datasheet HTML 19Page - Texas Instruments TMP431 Datasheet HTML 20Page - Texas Instruments TMP431 Datasheet HTML 21Page - Texas Instruments TMP431 Datasheet HTML 22Page - Texas Instruments TMP431 Datasheet HTML 23Page - Texas Instruments TMP431 Datasheet HTML 24Page - Texas Instruments TMP431 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Register Maps (continued)
Table 3. TMP431 Register Map
POINTER ADDRESS
BIT DESCRIPTIONS
POWER-ON
REGISTER
(HEX)
RESET (HEX)
DESCRIPTIONS
READ
WRITE
D7
D6
D5
D4
D3
D2
D1
D0
Local temperature
00
NA
(1)
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
(high byte)
Remote
01
NA
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
temperature (high
byte)
02
NA
80
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
Status register
Configuration
03
09
00
MASK
SD
AL/TH
0
0
RANGE
0
0
register 1
Conversion rate
04
0A
07
0
0
0
0
R3
R2
R1
R0
register
Local temperature
05
0B
55
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
high limit (high
byte)
Local temperature
06
0C
00
LTL11
LTL10
LTL9
LTL8
LTL7
LTL6
LTL5
LTL4
low limit (high byte)
Remote
07
0D
55
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
temperature high
limit (high byte)
Remote
08
0E
00
RTL11
RTL10
RTL9
RTL8
RTL7
RTL6
RTL5
RTL4
temperature low
limit (high byte)
NA
0F
X
(2)
X
X
X
X
X
X
X
X
One-shot start
Remote
10
NA
00
RT3
RT2
RT1
RT0
0
0
0
0
temperature (low
byte)
Remote
13
13
00
RTH3
RTH2
RTH1
RTH0
0
0
0
0
temperature high
limit (low byte)
Remote
14
14
00
RTL3
RTL2
RTL1
RTL0
0
0
0
0
temperature low
limit (low byte)
Local temperature
15
NA
00
LT3
LT2
LT1
LT0
0
0
0
0
(low byte)
Local temperature
16
16
00
LTH3
LTH2
LTH1
LTH0
0
0
0
0
high limit (low byte)
Local temperature
17
17
00
LTL3
LTL2
LTL1
LTL0
0
0
0
0
low limit (low byte)
18
18
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N-factor correction
Remote THERM
19
19
55
(3)
RTHL7
RTHL6
RTHL5
RTHL4
RTHL3
RTHL2
RTHL1
RTHL0
limit
Configuration
1A
1A
1C
0
0
0
REN
LEN
RC
0
0
register 2
1F
1F
00
0
0
0
0
0
0
RIMASK
LMASK
Channel mask
20
20
55
(3)
LTHL7
LTHL6
LTHL5
LTHL4
LTHL3
LTHL2
LTHL1
LTHL0
Local THERM limit
21
21
0A
TH7
TH6
TH5
TH4
TH3
TH2
TH1
TH0
THERM hysteresis
Consecutive alert
22
22
70
0
CTH2
CTH1
CTH0
CALT2
CALT1
CALT0
0
register
25
25
08
0
0
0
0
BC3
BC2
BC1
BC0
Beta range register
NA
FC
00
X
(4)
X
X
X
X
X
X
X
Software reset
FD
NA
31
0
0
1
1
0
0
0
1
TMP431 device ID
FE
NA
55
0
1
0
1
0
1
0
1
Manufacturer ID
(1)
NA = Not applicable; register is write- or read-only.
(2)
X = Indeterminate state.
(3)
TMP431C and TMP431D versions have a power-on reset value of 69h.
(4)
X = Undefined. Writing any value to this register initiates a software reset; see Software Reset
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com