Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 30Page - Texas Instruments TMP431 Datasheet HTML 31Page - Texas Instruments TMP431 Datasheet HTML 32Page - Texas Instruments TMP431 Datasheet HTML 33Page - Texas Instruments TMP431 Datasheet HTML 34Page - Texas Instruments TMP431 Datasheet HTML 35Page - Texas Instruments TMP431 Datasheet HTML 36Page - Texas Instruments TMP431 Datasheet HTML 37Page - Texas Instruments TMP431 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
±1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Time (s)
C007
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Typical Application (continued)
If a discrete transistor is used as the remote temperature sensor with the TMP43x, the best accuracy can be
achieved by selecting the transistor according to the following criteria:
1. Base-emitter voltage > 0.25 V at 6
μA, at the highest sensed temperature
2. Base-emitter voltage < 0.95 V at 120
μA, at the lowest sensed temperature
3. Base resistance < 100
Ω
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150)
Based on these criteria, two recommended small-signal transistors are the 2N3904 (NPN) or 2N3906 (PNP).
9.2.2 Detailed Design Procedure
The temperature measurement accuracy of the TMP43x depends on the remote and/or local temperature sensor
being at the same temperature as the system point being monitored. Clearly, if the temperature sensor is not in
good thermal contact with the part of the system being monitored, then there will be a delay in the response of
the sensor to a temperature change in the system. For remote temperature sensing applications that use a
substrate transistor (or a small, SOT23 transistor) placed close to the device being monitored, this delay is
usually not a concern.
The local temperature sensor inside the TMP43x monitors the ambient air around the device. The thermal time
constant for the TMP43x is approximately 2 s. This constant implies that if the ambient air changes quickly by
100°C, it would take the TMP43x about 10 seconds (that is, five thermal time constants) to settle to within 1°C of
the final value. In most applications, the TMP43x package is in thermal contact with the printed circuit board
(PCB), as well as subjected to forced airflow. The accuracy of the measured temperature directly depends on
how accurately the PCB and forced airflow temperatures represent the temperature that the TMP43x is
measuring. Additionally, the internal power dissipation of the TMP43x can cause the temperature to rise above
the ambient or PCB temperature. The internal power dissipated as a result of exciting the remote temperature
sensor is negligible because of the small currents used. For a 5.5-V supply and maximum conversion rate of
eight conversions per second, the TMP43x dissipate 1.82 mW (PDIQ = 5.5 V × 330 μA). If both the
ALERT/THERM2 and THERM pins are each sinking 1 mA, an additional 0.8 mW is dissipated (PDOUT = 1 mA ×
0.4 V + 1 mA × 0.4 V = 0.8 mW). Total power dissipation is then 2.62 mW (PDIQ + PDOUT) and, with an θJA of
150°C/W, causes the junction temperature to rise approximately 0.393°C above the ambient.
9.2.3 Application Curve
Figure 22 shows the typical step response to a submerging of a sensor in an oil bath with temperature of 100ºC.
Figure 22. Temperature Step Response
34
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com