Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 1 Page - Texas Instruments

  TMP431 Datasheet HTML 1Page - Texas Instruments TMP431 Datasheet HTML 2Page - Texas Instruments TMP431 Datasheet HTML 3Page - Texas Instruments TMP431 Datasheet HTML 4Page - Texas Instruments TMP431 Datasheet HTML 5Page - Texas Instruments TMP431 Datasheet HTML 6Page - Texas Instruments TMP431 Datasheet HTML 7Page - Texas Instruments TMP431 Datasheet HTML 8Page - Texas Instruments TMP431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DXP
DXN
V+
1
8
7
3
2
SCL
SDA
THERM
+5V
SMBus
Controller
6
GND
ALERTTHERM2
/
4
5
OneChannelLocal
OneChannelRemote
TMP431
V+
1
10
9
8
7
SCL
SDA
+5V
SMBus
Controller
6
GND
DXP1
DXN1
3
2
DXP2
DXN2
5
4
OneChannelLocal
TwoChannelsRemote
TMP432
ALERT
THERM2
/
THERM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
TMP43x ±1°C Temperature Sensor With Series-R,
η-Factor, and Automatic Beta Compensation
1 Features
3 Description
The TMP431 and TMP432 are remote temperature
1
•
±1°C Remote Diode Sensor
sensor monitors with a built-in local temperature
•
±1°C Local Temperature Sensor
sensor.
The
remote
temperature
sensor
diode-
•
Automatic Beta Compensation
connected transistors are typically low-cost, NPN- or
PNP-type transistors or diodes that are an integral
•
η-Factor Correction
part of microcontrollers, microprocessors, or FPGAs.
•
Programmable Threshold Limits
Remote
accuracy
is
±1°C
for
multiple
IC
•
Two-Wire/SMBus™ Serial Interface
manufacturers, with no calibration needed. The Two-
•
Minimum and Maximum Temperature Monitors
Wire serial interface accepts SMBus write byte, read
•
Multiple Interface Addresses
byte, send byte, and receive byte commands to
program
the
alarm
thresholds
and
to
read
•
ALERT/THERM2 Pin Configuration
temperature data.
•
Diode Fault Detection
The TMP43x include beta compensation (correction),
2 Applications
series resistance cancellation, programmable non-
ideality
factor,
programmable
resolution,
•
LCD/DLP®/LCOS Projectors
programmable
threshold
limits,
minimum
and
•
Servers
maximum
temperature
monitors,
wide
remote
temperature measurement range (up to 150°C), and
•
Industrial Controllers
diode fault detection and temperature alert function.
•
Central Office Telecom Equipment
The TMP431 is available in a VSSOP-8 package and
•
Desktop and Notebook Computers
the TMP432 is available in a VSSOP-10 package.
•
Storage Area Networks (SAN)
•
Industrial And Medical Equipment
Device Information(1)
•
Processor and FPGA Temperature Monitoring
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP431
VSSOP (8)
3.00 mm × 3.00 mm
TMP432
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematics
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
TMP431ADGKR TI1-TMP431ADGKR Datasheet
1Mb / 47P
Temperature Sensor
TMP431ADGKT TI1-TMP431ADGKT Datasheet
1Mb / 47P
Temperature Sensor
TMP431BDGKR TI1-TMP431BDGKR Datasheet
1Mb / 47P
Temperature Sensor
TMP431BDGKT TI1-TMP431BDGKT Datasheet
1Mb / 47P
Temperature Sensor
More results

Similar Description - TMP431

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
Texas Instruments
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Texas Instruments
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP435 TI1-TMP435_15 Datasheet
995Kb / 35P
짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com