Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 9Page - Texas Instruments TMP431 Datasheet HTML 10Page - Texas Instruments TMP431 Datasheet HTML 11Page - Texas Instruments TMP431 Datasheet HTML 12Page - Texas Instruments TMP431 Datasheet HTML 13Page - Texas Instruments TMP431 Datasheet HTML 14Page - Texas Instruments TMP431 Datasheet HTML 15Page - Texas Instruments TMP431 Datasheet HTML 16Page - Texas Instruments TMP431 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Table 2. Decimal Fraction Temperature Data Format (Local and Remote Temperature Low Bytes)
TEMPERATURE REGISTER LOW BYTE VALUE (0.0625°C RESOLUTION)(1)
TEMP (°C)
STANDARD AND EXTENDED BINARY
HEX
0
0000 0000
00
0.0625
0001 0000
10
0.1250
0010 0000
20
0.1875
0011 0000
30
0.2500
0100 0000
40
0.3125
0101 0000
50
0.3750
0110 0000
60
0.4375
0111 0000
70
0.5000
1000 0000
80
0.5625
1001 0000
90
0.6250
1010 0000
A0
0.6875
1011 0000
B0
0.7500
1100 0000
C0
0.8125
1101 0000
D0
0.8750
1110 0000
E0
0.9375
1111 0000
F0
(1)
Resolution is 0.0625°C/count. All possible values are shown.
8.3.2 Beta Compensation
Previous generations of remote junction temperature sensors were operated by controlling the emitter current of
the sensing transistor. However, examination of the physics of a transistor shows that VBE is actually a function
of the collector current. If beta is independent of the collector current, then VBE may be calculated from the
emitter current. In earlier generations of processors that contained PNP transistors connected to these
temperature sensors, controlling the emitter current provided acceptable temperature measurement results. At
90-nm process geometry and below, however, the beta factor continues to decrease and the premise that it is
independent of collector current becomes less certain.
To manage this increasing temperature measurement error, the TMP43x control the collector current instead of
the emitter current. The TMP43x automatically detect and choose the correct range depending on the beta factor
of the external transistor. This auto-ranging is performed at the beginning of each temperature conversion in
order to correct for any changes in the beta factor as a result of temperature variation. The device can operate a
PNP transistor with a beta factor as low as 0.1. See Beta Compensation Configuration Register for further
information.
8.3.3
Series Resistance Cancellation
Series resistance in an application circuit that typically results from printed circuit-board (PCB) trace resistance
and remote line length is automatically cancelled by the TMP43x, preventing what would otherwise result in a
temperature offset. A total of up to 1-k
Ω of series line resistance is cancelled by the TMP43x if beta correction is
disabled and up to 300
Ω of series line resistance is cancelled if beta correction is enabled, eliminating the need
for additional characterization and temperature offset correction. See Figure 7 and Figure 8 for details on the
effects of series resistance on sensed remote temperature error.
8.3.4 Differential Input Capacitance
The TMP43x can tolerate differential input capacitance of up to 2200 pF with minimal change in temperature
error. The effect of capacitance on sensed remote temperature error is illustrated in Figure 9 and Figure 10. See
Filtering for suggested component values where filtering unwanted coupled signals is needed.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com