Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 4Page - Texas Instruments TMP431 Datasheet HTML 5Page - Texas Instruments TMP431 Datasheet HTML 6Page - Texas Instruments TMP431 Datasheet HTML 7Page - Texas Instruments TMP431 Datasheet HTML 8Page - Texas Instruments TMP431 Datasheet HTML 9Page - Texas Instruments TMP431 Datasheet HTML 10Page - Texas Instruments TMP431 Datasheet HTML 11Page - Texas Instruments TMP431 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
500
450
400
350
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCL Clock Frequency (Hz)
V+ = 3.3V
V+ = 5.5V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V (V)
S
150
100
50
0
50
100
-
-
-150
0
5
10
15
20
30
25
LeakageResistance(M )
W
R
GND (LowBeta)
R
Vs
R
Vs (LowBeta)
R
GND
700
600
500
400
300
200
100
0
0.0625
0.125
0.25
0.5
1
2
4
8
Conversion Rate (conversions/s)
TMP431
TMP432
V+ = 3.3V
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
BetaCompensationDisabled.
GNDCollector-ConnectedTransistorwithn-Factor=1.008.
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
TMP431, TMP432
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
6.7 Typical Characteristics
At TA = 25°C and V+ = 3.3 V, unless otherwise noted.
Figure 1. Remote Temperature Error vs Temperature
Figure 2. Local Temperature Error vs Temperature
Figure 4. Quiescent Current vs Conversion Rate
Figure 3. Remote Temperature Error vs Leakage Resistance
Figure 5. Shutdown Quiescent Current
Figure 6. Shutdown Quiescent Current vs Supply Voltage
vs SCL Clock Frequency
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com