Electronic Components Datasheet Search
  English  ▼

X  

TMP431 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP431
Description  짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP431 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP431 Datasheet HTML 3Page - Texas Instruments TMP431 Datasheet HTML 4Page - Texas Instruments TMP431 Datasheet HTML 5Page - Texas Instruments TMP431 Datasheet HTML 6Page - Texas Instruments TMP431 Datasheet HTML 7Page - Texas Instruments TMP431 Datasheet HTML 8Page - Texas Instruments TMP431 Datasheet HTML 9Page - Texas Instruments TMP431 Datasheet HTML 10Page - Texas Instruments TMP431 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TMP431, TMP432
www.ti.com
SBOS441G – SEPTEMBER 2009 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
at TA = –40°C to 125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
V+
Specified voltage range
2.7
5.5
V
0.0625 conversions per second, V+ = 3.3 V
35
45
μA
Eight conversions per second, V+ = 3.3 V (5)
0.7
1
mA
IQ
Quiescent current
Serial bus inactive, shutdown mode
3
10
μA
Serial bus active, fS = 400 kHz, shutdown mode
90
μA
Serial bus active, fS = 3.4 MHz, shutdown mode
350
μA
UVLO
Undervoltage lockout
2.3
2.4
2.6
V
POR
Power-on reset threshold
1.6
2.3
V
Specified temperature range
–40
125
°C
Storage temperature range
–60
130
°C
(5)
Beta correction disabled.
6.6 Timing Requirements
See
(1)
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.5
MHz
t(BUF)
Bus free time between STOP and START condition
600
160
ns
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START condition setup time
100
100
ns
t(SUSTO)
STOP condition setup time
100
100
ns
t(HDDAT)
Data hold time
0(2)
900
0(3)
80
ns
t(SUDAT)
Data setup time
100
25
ns
t(LOW)
SCL clock LOW period
V+
1300
265
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tFD
Data fall time
300
160
ns
300
40
tRC
Clock rise time
ns
SCLK
≤ 100 kHz
1000
tFC
Clock fall time
300
40
ns
(1)
Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not specified and not
production tested.
(2)
For cases with fall time of SCL less than 20 ns and/or the rise time or fall time of SDA less than 20 ns, the hold time should be greater
than 20 ns.
(3)
For cases with fall time of SCL less than 10 ns and/or the rise or fall time of SDA less than 10 ns, the hold time should be greater than
10 ns.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP431 TMP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com