Electronic Components Datasheet Search
  English  ▼

X  

SST89C54 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST89C54
Description  FlashFlex51 MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C54 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST89C54 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Re-Map bits previously in un-programmed state can be
programmed by these commands. The PROG-RB1,
PROG-RB0 sequences are as follows:
Set-Up
MOV SFDT, #55h
OR
Interrupt INT1#
occurrence completion
Polling SFST[2]
indicates completion
Program Re-Map [1]
MOV SFCM, #09h
or
MOV SFCM, #89h
Program Re-Map [0]
MOV SFCM, #08h
or
MOV SFCM, #88h
344 ILL F46.4
IAP Enable
Polling
A command that uses the polling method to detect flash
operation completion should poll on the Flash_Busy bit
(SFST[2]). When Flash_Busy de-asserts (logic 0), the
device is ready for the next operation.
The BUSY bit (SFST[3]) is provided for Burst-Program.
In between bytes within a burst sequence, the Busy bit
will become logic 0 to indicate that the next Burst-
Program byte should be presented. Completion of the full
burst cycle is indicated also by Flash_Busy bit (SFST[2]).
MOVC instruction may also be used for verification of the
Programming and Erase operation of the flash memory.
MOVC command will fail if it is directed at a flash block
that is still busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com