Electronic Components Datasheet Search
  English  ▼

X  

SST89C54 Datasheet(PDF) 47 Page - Silicon Storage Technology, Inc

Part # SST89C54
Description  FlashFlex51 MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C54 Datasheet(HTML) 47 Page - Silicon Storage Technology, Inc

Back Button SST89C54 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89C54 Datasheet HTML 50Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Part Number Cross-Reference Guide
Intel
SST
package
i87C54
16K EPROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
i87C58
32K EPROM & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
P N TQ
i87L54
16K ROM (OTP) & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
N TQ
i87L58
32K ROM (OTP) & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
N TQ
i87C51FB
16K EPROM & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
i87C51FC
32K EPROM & 256B RAM
SST89C58*
4K Flash, 32K Flash & 256B RAM
P N TQ
Atmel
SST
package
AT89C52
8K Flash & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
AT89LV52
8K Flash & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
AT89S53
12K Flash & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
AT89LS53
12K Flash & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
AT89C55
20K Flash & 256B RAM
SST89C58*
4K Flash, 32K Flash & 256B RAM
P N TQ
AT89LV55
20K Flash & 256B RAM
SST89C58*
4K Flash, 32K Flash & 256B RAM
P N TQ
Temic
SST
package
80C51
4K ROM & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
80C52
8K ROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
83C154
16K ROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
83C154D
32K ROM & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
P N TQ
87C51
4K EPROM & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
87C52
8K EPROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
Philips
SST
package
P80C54
16K ROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
P80C58
32K ROM & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
P N TQ
P87C54
16K EPROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
P87C58
32K EPROM & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
P N TQ
P87C524
16K EPROM & 512B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
P87C528
32K EPROM & 512B RAM
SST89C58*
4K Flash, 32K Flash & 256B RAM
P N TQ
P83C524
16K ROM & 512B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N
P83C528
32K MROM & 512B RAM
SST89C58*
4K Flash, 32K Flash & 256B RAM
P N TQ
P89CE558
32K Flash & 1K RAM
SST89C58*
4K Flash, 32K Flash & 256B RAM
Winbond
SST
package
W78C54
16K MROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
W78C58
32K MROM & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
P N TQ
W78E54
16K EEPROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
W78E58
32K EEPROM & 256B RAM
SST89C58
4K Flash, 32K Flash & 256B RAM
P N TQ
ISSI
SST
package
IS80C52
8K ROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N TQ
IS89C51
4K Flash & 128B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N
IS89C52
8K Flash & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N
Dallas
SST
package
DS83C520
16K MROM & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
DS87C520
16K EPROM ( OTP ) &
SST89C54*
4K Flash, 16K Flash & 256B RAM
P N TQ
256B RAM
Siemens
SST
package
C501-1R
8K ROM & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N
C501-1E
8K ROM (OTP) & 256B RAM
SST89C54
4K Flash, 16K Flash & 256B RAM
P N
C513A-H
12K EPROM & 512B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
N
C503-1R
8K ROM & 256B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
N
C504-2R
16K ROM & 512B RAM
SST89C54*
4K Flash, 16K Flash & 256B RAM
TQ
P: PDIP
N: PLCC
TQ: TQFP
NOTE:
The SST89C58 can be substituted for any SST89C54 listing above.
NOTE:
The SST89C59 can be substituted for any SST89C54 or SST89C58 listing above.
* Indicates SST similar function and not direct replacement/socket compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com