Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  Power Management and USB Single Chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65921 Datasheet HTML 1Page - Texas Instruments TPS65921 Datasheet HTML 2Page - Texas Instruments TPS65921 Datasheet HTML 3Page - Texas Instruments TPS65921 Datasheet HTML 4Page - Texas Instruments TPS65921 Datasheet HTML 5Page - Texas Instruments TPS65921 Datasheet HTML 6Page - Texas Instruments TPS65921 Datasheet HTML 7Page - Texas Instruments TPS65921 Datasheet HTML 8Page - Texas Instruments TPS65921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
TPS65921
SWCS048F – MARCH 2010 – REVISED MARCH 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Main battery supply
0.0
5.0
V
voltage(2)
Where supply represents the voltage
Voltage on any input(3)
applied to the power supply pin
–0.3
1.0 × Supply + 0.3
V
associated with the input(4)
VBUS input
–0.3
7
V
Storage temperature range
–55
125
°C
Operating ambient
–40
85
°C
temperature (TA)
Operating junction
Absolute maximum rating
–40
125
°C
temperature (TJ)
Operating junction
For parametric compliance
–40
150
°C
temperature (TJ)
Ambient temperature for
With maximum 125°C as junction
–40
85
°C
parametric compliance
temperature (TJ)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
(2)
The product will have negligible reliability impact if voltage spikes of 5.2 V occur for a total (cumulative over lifetime) duration of 10
milliseconds.
(3)
Excepts VBAT input pads and VBUS pad.
(4)
Supply equals the reference level of each pin.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Power and USB Path
VBAT/VBAT.USB main battery supply voltage and
2.7
3.6
4.5
V
VBUS
0
7
V
HFCLKIN Input Clock
Frequency 1/tC(HFCLKIN)
19.2, 26 or 38.4
MHz
0.55 ×
Pulse duration, HFCLKIN low or high (BP)
0.45 × tC(HFCLKIN)
ns
tC(HFCLKIN)
HFCLKIN stability
–150
150
ppm
Rise time of HFCLKIN (BP)
0
5
ns
Fall time of HFCLKIN (BP)
0
5
ns
LP/HP (sine wave)
0.3
0.7
1.45
Vpp
Input dynamic range
BP/PD (square wave)
0
1.85(1)
Vpp
Harmonic content of input signal (with 0.7-VPP amplitude): Second
–25
dBc
component - LP/HP (sine wave)
VIH voltage input
BP (square mode)
0.65 × IO.1P8
V
high(1)
VIL voltage input low
(1)
BP (square mode)
0.35 × IO.1P8
V
Crystal Oscillator
Parallel resonance crystal frequency 1/tC(32KHZ)
32.768
kHz
Input voltage, Vin (normal mode)
1.0
1.3
1.55
V
Crystal tolerance at room temperature, 25°C
–30
30
ppm
Crystal tolerance versus temperature range (–40°C to 85°C)
–200
200
ppm
Crystal quality factor
13k
54k
Maximum drive power
1
µW
Operating drive level
0.5
µW
(1)
Bypass input maximum voltage is the same as the maximum voltage provided for the I/O interface (IO.1P8V).
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com