Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  Power Management and USB Single Chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 9Page - Texas Instruments TPS65921 Datasheet HTML 10Page - Texas Instruments TPS65921 Datasheet HTML 11Page - Texas Instruments TPS65921 Datasheet HTML 12Page - Texas Instruments TPS65921 Datasheet HTML 13Page - Texas Instruments TPS65921 Datasheet HTML 14Page - Texas Instruments TPS65921 Datasheet HTML 15Page - Texas Instruments TPS65921 Datasheet HTML 16Page - Texas Instruments TPS65921 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TPS65921
www.ti.com
SWCS048F – MARCH 2010 – REVISED MARCH 2012
VAUX2 LOW DROPOUT REGULATOR
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.7
3.6
4.5
V
1.3
1.5
1.7
1.8
Output voltage including all
1.9
variations (line and load
2.0
VOUT
regulations, line and load
–3%
+3%
V
2.1
transients, temperature, and
2.2
process)
2.3
2.4
2.5
2.8
On mode
100
IOUT
Rated output current
mA
Low-power mode
5
DC load regulation
On mode: 0 < IO < IMAX
20
mV
On mode, VIN = VINmin to VINmax
DC line regulation
3
mV
at IOUT = IOUTmax
IOUT = 0, CL = 1 μF (within 10% of
Turn-on time
100
µs
VOUT)
Wake-up time
Full load capability
10
µs
f < 10 kHz
50
10 kHz < f < 100 kHz
40
Ripple rejection
dB
f = 1 MHz
30
VIN = VOUT + 1 V, IO = IMAX
On mode, IOUT = 0
70
On mode, IOUT = IOUTmax
170
Ground current
Low-power mode, IOUT = 0
17
µA
Low-power mode, IOUT = 5 mA
20
Off mode at 55°C
1
VDO
Dropout voltage(1)
On mode, IOUT = IOUTmax
250
mV
ILOAD: IMIN – IMAX
Transient load regulation(2)
–40
40
mV
Slew: 40 mA/
μs
VIN drops 500 mV
Transient line regulation
10
mV
Slew: 40 mV/
μs
Overshoot
Softstart
3%
Default in off mode
250
320
450
Ω
Pulldown resistance
Configurable as HighZ in off mode
100
M
Ω
(1)
For nominal output voltage
(2)
Transient load regulation is always included in the overall accuracy of the selected output voltage option. For voltage levels that have a
tighter output voltage specification than the transient load regulation, follow the output voltage specification.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com