Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  Power Management and USB Single Chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 45Page - Texas Instruments TPS65921 Datasheet HTML 46Page - Texas Instruments TPS65921 Datasheet HTML 47Page - Texas Instruments TPS65921 Datasheet HTML 48Page - Texas Instruments TPS65921 Datasheet HTML 49Page - Texas Instruments TPS65921 Datasheet HTML 50Page - Texas Instruments TPS65921 Datasheet HTML 51Page - Texas Instruments TPS65921 Datasheet HTML 52Page - Texas Instruments TPS65921 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
SWCS048-027
USB_DET_ON
USP_P=1
and
(USB_HW_CHRG_DET_EN=1 or
USB_SW_CHRG_DET_EN=1)
Dcounter<DCD_TIMEOUT
CHGDCTRL=000_0000
USB_DET_OFF
(USB_HW_CHRG_DET_EN=0 and
USB_SW_CHRG_DET_EN=0)
CHGDCTRL=”000_0000"
INIT
CHGDCTRL=”011_1010"
DCD_INIT
DATA_CONTACT_DET_EN=1
Dcounter=0
Wait TIDP_SRC_ON
DCD_SETUP
Dcounter=Dcounter+1
DCD_CHECK
End wait
Dcounter=DCD_TIMEOUT
Or
CHGD_SERX_DP_DEB=0
CHGDCTRL=”011_0110"
CHGD_INIT
DATA_CONTACT_DET_EN=0
Wait TVDP_SCR_ON
CHGD_SETUP
CHGD_SERX_DM_DEB=0
and
CHGD_VDM_DEB=1
End wait
Always ON
CHGD
_
CHECK
CHGDCTRL=010_0000
Wait TVDP_SRC_HICRNT
USB500_WAIT
CHGDCTRL=100_0000
USB500_DETECTED
End wait
CHGDCTRL=xxx_0000
USB charger status is memorized
USB_DET_STS
USP_P=0
USB_P=0
or
(USB_HW_CHRG_DET_EN=0 and
USB_SW_CHRG_DET_EN=0)
TPS65921
www.ti.com
SWCS048F – MARCH 2010 – REVISED MARCH 2012
Figure 25. USB Battery Charger Detection FSM
USB charger detection status bit definition:
•
USBVBUS_PRES: Detect presence of valid VBUS. Comparator output is debounced for DEBVBUS_TIME
(minimum 10 ms) on CKCHG and generates a USB_P signal. USB_P is computed only if a battery presence
is detected.
•
USBCHRG_PRES: Detect presence of USB charger on DP/DM. The feature is enabled through the
USB_DET_EN signal, then USBPHY performs checks on DP/DM and return status USB_DET_RESULT:
–
1 : USB 500-mA charger is detected.
–
0 : USB 100-mA charger is detected.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com