Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  Power Management and USB Single Chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 41Page - Texas Instruments TPS65921 Datasheet HTML 42Page - Texas Instruments TPS65921 Datasheet HTML 43Page - Texas Instruments TPS65921 Datasheet HTML 44Page - Texas Instruments TPS65921 Datasheet HTML 45Page - Texas Instruments TPS65921 Datasheet HTML 46Page - Texas Instruments TPS65921 Datasheet HTML 47Page - Texas Instruments TPS65921 Datasheet HTML 48Page - Texas Instruments TPS65921 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
SWCS048-023
VBUS
USB connector
Switched 3.3 V
VBAT.USB
CPOUT
CP.GND
CP.IN
USBIN
USB3P3
5.0-V CP
USB PHY
Normal operation
USB @ VBUS > 4.4 V
Power-up
USB @ VBAT > 3.20 V
TPS65921
DP
DM
ID
OMAP
(LINK)
ULPI
Phone connector
(USB)
ADC inputs
(optional)
USB OTG device
PC
Charger
Device
USB PHY
SWCS048-024
TPS65921
www.ti.com
SWCS048F – MARCH 2010 – REVISED MARCH 2012
Figure 21. General Overview of the Charge Pump and Its Interfaces
It can be used to supply USB 3.1 V LDO when battery voltage is lower than this LDO VBATmin voltage (see
electrical characteristics).
USB Transceiver
The TPS65921 device includes a USB OTG transceiver that support USB 480 Mbps HS, 12 Mbps FS, and USB
1.5 Mbps LS through a 4-pin UTMI+ ULPI.
It also includes a module covering Battery Charging Specification v1.0. Figure 22 shows the USB 2.0 PHY
highlight block diagram.
Figure 22. USB 2.0 PHY Highlight
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com