Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65921
Description  Power Management and USB Single Chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 35Page - Texas Instruments TPS65921 Datasheet HTML 36Page - Texas Instruments TPS65921 Datasheet HTML 37Page - Texas Instruments TPS65921 Datasheet HTML 38Page - Texas Instruments TPS65921 Datasheet HTML 39Page - Texas Instruments TPS65921 Datasheet HTML 40Page - Texas Instruments TPS65921 Datasheet HTML 41Page - Texas Instruments TPS65921 Datasheet HTML 42Page - Texas Instruments TPS65921 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TPS65921
www.ti.com
SWCS048F – MARCH 2010 – REVISED MARCH 2012
The short-circuit current for the LDOs and DCDCs in the TPS65921 device is approximately twice the maximum
load current. In certain cases when the output of the block is shorted to ground, the power dissipation can
exceed the 1.2 W requirement if no action is taken. A short-circuit protection scheme is included in the
TPS65921 device to ensure that if the output of an LDO or DCDC is short-circuited, then the power dissipation
does not exceed the 1.2 W level.
The three USB LDOs VUSB3V1, VUSB1V8, and VUSB1V5 are included in this short circuit protection scheme
which monitors the LDO output voltage at a frequency of 1 Hz, and generates an interrupt when a short circuit is
detected.
The scheme compares the LDO output voltage to a reference voltage and detects a short circuit if the LDO
voltage drops below this reference value (0.5 V or 0.75 V programmable). In the case of the VUSB3V1 and
VUSB1V8 LDOs, the reference is compared with a divided down voltage (1.5 V typical).
If a short circuit is detected on VUSB3V1, then the power subchip FSM switches this LDO to sleep-mode.
If a short circuit is detected on VUSB1V8 or VUSB1V5, then the power subchip FSM switches the relevant LDO
off.
Power Reference
The bandgap voltage reference is filtered (RC filter), using an external capacitor connected across the VREF
output and an analog ground (REFGND). The VREF voltage is scaled, distributed, and buffered inside the
device. The bandgap is started in fast mode (not filtered) and is set automatically by the power state-machine in
slow mode (filtered, less noisy) after switch on.
Power Use Cases
The TPS65921 device has two modes:
•
Master: The TPS65921 device decides to power up or down the system and control the other power ICs in
the system with the SYSEN output.
•
Slave: The TPS65921 device is controlled by another power IC with a digital signal on the PWRON input.
There is no battery management in slave mode.
The modes corresponding to BOOT0–BOOT1 combination value are:
NAME
DESCRIPTION
BOOT0
BOOT1
MC021(1)
Master_C021_Generic 10
1
0
SC021
Slave_C021_Generic 11
1
1
(1)
Boot mode for OMAP3430 is c021 Master boot mode.
Process modes define:
•
The boot voltage for the host core
•
The boot sequence associated with the process
•
The DVFS protocol associated with the process
MODE
C021.M
Boot core voltage
1.2 V
Power sequence
VIO followed by VPLL1, VDD2, VDD1
DVFS protocol
SmartReflex interface (I2C high speed)
Regulator states depending on use cases:
REGULATOR
MODE: C021 (MASTER/SLAVE)
BACKUP
WAIT ON
SLEEP NO LOAD
ACTIVE NO LOAD
VAUX2
OFF
OFF
OFF
OFF
VMMC1
OFF
OFF
OFF
OFF
VPLL1
OFF
OFF
SLEEP
ON
VDAC
OFF
OFF
OFF
OFF
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com