Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040A Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 19Page - Texas Instruments TUSB8040A Datasheet HTML 20Page - Texas Instruments TUSB8040A Datasheet HTML 21Page - Texas Instruments TUSB8040A Datasheet HTML 22Page - Texas Instruments TUSB8040A Datasheet HTML 23Page - Texas Instruments TUSB8040A Datasheet HTML 24Page - Texas Instruments TUSB8040A Datasheet HTML 25Page - Texas Instruments TUSB8040A Datasheet HTML 26Page - Texas Instruments TUSB8040A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
3.4.3
Vendor ID MSB Register
Table 3-6. Register Offset 2h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
1
0
0
Table 3-7. Bit Descriptions – Vendor ID MSB Register
Bit
Field Name
Access
Description
Vendor ID MSB. Most significant byte of the unique vendor ID assigned
by the USB-IF; the default value of this register is 04h representing the
7:0
vendorIdMsb
RW
MSB of the TI Vendor ID 0451h. The value may be over-written to
indicate a customer Vendor ID.
3.4.4
Product ID LSB Register
Table 3-8. Register Offset 3h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
X
X
0
0
0
0
1
Table 3-9. Bit Descriptions – Vendor ID LSB Register
Bit
Field Name
Access
Description
Product ID LSB. Least significant byte of the product ID assigned by
Texas Instruments; the default value of this register is 41h for the
TUSB8040A and 21h for the TUSB8020A representing the LSB of the
product ID assigned by Texas Instruments. The value of this register will
7:0
productIdLsb
RW
be reported as configured for the SuperSpeed USB Device descriptor.
The USB 2.0 Device descriptor will report the value in this register with
bit [1] toggled. This ensures that the USB drivers load properly for both
hubs. The value may be over-written to indicate a customer product ID.
3.4.5
Product ID MSB Register
Table 3-10. Register Offset 4h
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
0
0
0
0
0
0
0
Table 3-11. Bit Descriptions – Vendor ID MSB Register
Bit
Field Name
Access
Description
Product ID MSB. Most significant byte of the product ID assigned by
Texas Instruments; the default value of this register is 80h representing
7:0
productIdMsb
RW
the MSB of the product ID assigned by Texas Instruments. The value
may be over-written to indicate a customer product ID.
Copyright © 2012, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
23
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com