Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040A Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 23Page - Texas Instruments TUSB8040A Datasheet HTML 24Page - Texas Instruments TUSB8040A Datasheet HTML 25Page - Texas Instruments TUSB8040A Datasheet HTML 26Page - Texas Instruments TUSB8040A Datasheet HTML 27Page - Texas Instruments TUSB8040A Datasheet HTML 28Page - Texas Instruments TUSB8040A Datasheet HTML 29Page - Texas Instruments TUSB8040A Datasheet HTML 30Page - Texas Instruments TUSB8040A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TUSB8020A, TUSB8040A
www.ti.com
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
3.4.10 Language ID LSB Register
Table 3-20. Register Offset 20h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
1
0
0
1
Table 3-21. Bit Descriptions – Language ID LSB Register
Bit
Field Name
Access
Description
Language ID least significant byte. This register contains the value
returned in the LSB of the LANGID code in string index 0. The
TUSB80x0A only supports one language ID. The default value of this
7:0
langIdLsb
RW
register is 09h representing the LSB of the LangID 0409h indicating
English United States. When customStrings is 1, this field may be over-
written by the contents of an attached EEPROM or by an SMBus host.
3.4.11 Language ID MSB Register
Table 3-22. Register Offset 21h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
1
0
0
Table 3-23. Bit Descriptions – Language ID MSB Register
Bit
Field Name
Access
Description
Language ID most significant byte. This register contains the value
returned in the MSB of the LANGID code in string index 0. The
TUSB80x0A only supports one language ID. The default value of this
7:0
langIdMsb
RW
register is 04h representing the MSB of the LangID 0409h indicating
English United States. When customStrings is 1, this field may be over-
written by the contents of an attached EEPROM or by an SMBus host.
3.4.12 Serial Number String Length Register
Table 3-24. Register Offset 22h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 3-25. Bit Descriptions – Serial Number String Length Register
Bit
Field Name
Access
Description
7:6
RSVD
RO
Reserved. Read only, returns 0 when read.
Serial number string length. The string length in bytes for the serial
number string. The default value is 0, indicating that a serial number
string is not supported. The maximum string length is 32 bytes. This field
5:0
serNumStringLen
RW
may be over-written by the contents of an attached EEPROM or by an
SMBus host. When the field is non-zero, a serial number string of
serNumbStringLen bytes is returned at string index 1 from the data
contained in the Serial Number String registers.
3.4.13 Manufacturer String Length Register
Table 3-26. Register Offset 23h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Copyright © 2012, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
27
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com