Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 20Page - Texas Instruments TUSB8040A Datasheet HTML 21Page - Texas Instruments TUSB8040A Datasheet HTML 22Page - Texas Instruments TUSB8040A Datasheet HTML 23Page - Texas Instruments TUSB8040A Datasheet HTML 24Page - Texas Instruments TUSB8040A Datasheet HTML 25Page - Texas Instruments TUSB8040A Datasheet HTML 26Page - Texas Instruments TUSB8040A Datasheet HTML 27Page - Texas Instruments TUSB8040A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
TUSB8020A, TUSB8040A
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
www.ti.com
3.4.6
Device Configuration Register
Table 3-12. Register Offset 5h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
X
X
X
X
0
Table 3-13. Bit Descriptions – Device Configuration Register
Bit
Field Name
Access
Description
Custom Serial Number Enable. When the TUSB80x0A is in I2C mode,
the TUSB80x0A loads the serial number register from the contents of the
6
customSernum
RW
EEPROM. When the TUSB80x0A is in SMBUS mode, the Serial Number
registers may written by an SMBus host. This bit defaults to 0.
U1 U2 Disable. When this bit is set the TUSB8040A will not initiate or
accept any U1 or U2 requests on any port, upstream or downstream,
unless it receives or sends a Force_LinkPM_Accept LMP. After receiving
or sending an FLPMA LMP, it will continue to enable U1 and U2
according to USB 3.0 protocol until it gets a power-on reset or is
5
u1u2Disable
RW
disconnected on its upstream port. This bit is loaded at the de-assertion
of reset with the value of the SDA_SMBDAT terminal. When the
TUSB8040A is in I2C mode, the TUSB8040A loads this bit from the
contents of the EEPROM. When the TUSB8040A is in SMBUS mode,
the value may be over-written by an SMBus host.
Port Indicator Status. This bit shall be loaded at the de-assertion of reset
with the value of PORTINDz_SMBA3 terminal. When the TUSB8040A is
in I2C mode, the TUSB80x0A loads this bit from the contents of the
4
portIndz
RW
EEPROM. When the TUSB80x0A is in SMBUS mode, the value may be
overwritten by an SMBus host.
This bit is read-only 1 for the PFP package option.
Ganged. This bit shall be loaded at the de-assertion of reset with the
value of GANGEd_SMBA2 terminal. When the TUSB80x0A is in I2C
mode, the TUSB80x0A loads this bit from the contents of the EEPROM.
3
ganged
RW
When the TUSB8040A is in SMBUS mode, the value may be overwritten
by an SMBus host.
This bit is read-only 1 for PFP package option.
Full Power Management. This bit is loaded at the de-assertion of reset
with the value of the FULLPWRMGMTz_SMBA1 terminal. When this bit
is 0, power switching and over-current detection is supported whether
bus- or self-powered. When the bit is 1 and the device is bus powered,
power switching is supported but over-current detection is not supported.
2
fullPwrMgmtz
RW
When the bit is 1 and the device is self-powered over-current detection is
supported but power switching is not supported. When the TUSB80x0A
is in I2C mode, the TUSB80x0A loads this bit from the contents of the
EEPROM. When the TUSB80x0A is in SMBUS mode, the value may be
over-written by an SMBus host.
U1 U2 Timer Override. When this bit is set the TUSB80x0A will override
the downstream ports u1/u2 timeout values set by software. If software
sets a value in the range of 1-FF, the TUSB80x0A will use the value FF.
If software sets a value of 0, the TUSB80x0A will use the value 0.This bit
1
u1u2TimerOvr
RW
is loaded at the de-assertion of reset with the value of the SCL_SMBCLK
terminal. When the TUSB80x0A is in I2C mode, the TUSB8040A loads
this bit from the contents of the EEPROM. When the TUSB80x0A is in
SMBUS mode, the value may be over-written by an SMBus host.
0
RSVD
RO
Reserved. Read only, returns 0 when read.
24
FUNCTIONAL DESCRIPTION
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com