Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040A Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A
Description  Four-Port and Two-Port USB 3.0 Hub
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB8040A Datasheet HTML 22Page - Texas Instruments TUSB8040A Datasheet HTML 23Page - Texas Instruments TUSB8040A Datasheet HTML 24Page - Texas Instruments TUSB8040A Datasheet HTML 25Page - Texas Instruments TUSB8040A Datasheet HTML 26Page - Texas Instruments TUSB8040A Datasheet HTML 27Page - Texas Instruments TUSB8040A Datasheet HTML 28Page - Texas Instruments TUSB8040A Datasheet HTML 29Page - Texas Instruments TUSB8040A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
TUSB8020A, TUSB8040A
SLLSEA7B – MAY 2012 – REVISED AUGUST 2012
www.ti.com
3.4.8
Device Removable Configuration Register
Table 3-16. Register Offset 7h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
X
X
X
X
Table 3-17. Bit Descriptions – Device Removable Configuration Register
Bit
Field Name
Access
Description
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
Removable. The bits in this field indicate whether a device attached to
downstream ports 3 through 0 are removable or permanently attached. A
value of 0 indicates the device attached to the port is not removable. A
value of 1 indicates the device attached to the port is removable.
For the RKM package option, the default value for these bits are loaded
at the de-assertion of reset with the value of LEDA[3:0]z_RMBL[3:0] as
follows:
TUSB8040A: rmbl[3:0] defaults to wxyzb,
3:0
rmbl[3:0]
RW
TUSB8020A: rmbl[3:0] defaults to 11yzb,
where w is LEDA3z_RMBL3, x is LEDA2z_RMBL2, y is LEDA1z_RMBL1
and z is LEDA0z_RMBL0.
For the PFP package option, the default value for these bits is 1.
When in I2C/SMBus mode the bits in this field corresponding to the
enabled ports per used[3:0] may be over-written by EEPROM contents or
by an SMBus host.
3.4.9
Port Used Configuration Register
Table 3-18. Register Offset 8h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
X
X
X
X
Table 3-19. Bit Descriptions – Port Used Configuration Register
Bit
Field Name
Access
Description
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
Used. The bits in this field indicate whether downstream ports 3 through
0 are enabled or disabled for use. A value of 0 indicates the port is not
used. A value of 1 indicates the port is used.
For the RKM package option, the default value for these bits are loaded
at the de-assertion of reset with the value of LEDG[3:0]z_USED[3:0] as
follows:
TUSB8040A: used[3:0] defaults to wxyzb,
3:0
used[3:0]
RW
TUSB8020A: used[3:0] defaults to 00yzb,
where w is LEDG3z_USED3, x is LEDG2z_USED2, y is
LEDG1z_USED1 and z is LEDG0z_USED0.
For the PFP package option, the default value for these bits is 1.
When in I2C/SMBus mode the bits in this field corresponding to ports
enabled by a configuration may be over-written by EEPROM contents or
by an SMBus host.
26
FUNCTIONAL DESCRIPTION
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8020A TUSB8040A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com