| Electronic Components Datasheet Search |
|
LPC1786 Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1786 Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 120 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary data sheet Rev. 4 — 1 May 2012 17 of 120 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P1[8] 190 C7 B6 132 [3] I; PU I/O P1[8] — General purpose digital input/output pin. I ENET_CRS (ENET_CRS_DV) — Ethernet Carrier Sense (MII interface) or Ethernet Carrier Sense/Data Valid (RMII interface). - R — Function reserved. O T3_MAT1 — Match output for Timer 3, channel 1. I/O SSP2_SSEL — Slave Select for SSP2. P1[9] 188 A6 D7 131 [3] I; PU I/O P1[9] — General purpose digital input/output pin. I ENET_RXD0 — Ethernet receive data 0 (RMII/MII interface). - R — Function reserved. O T3_MAT0 — Match output for Timer 3, channel 0. P1[10] 186 C8 A7 129 [3] I; PU I/O P1[10] — General purpose digital input/output pin. I ENET_RXD1 — Ethernet receive data 1 (RMII/MII interface). - R — Function reserved. I T3_CAP0 — Capture input for Timer 3, channel 0. P1[11] 163 A14 A12 - [3] I; PU I/O P1[11] — General purpose digital input/output pin. I ENET_RXD2 — Ethernet Receive Data 2 (MII interface). I/O SD_DAT[2] — Data line 2 for SD card interface. O PWM0[6] — Pulse Width Modulator 0, output 6. P1[12] 157 A16 A14 - [3] I; PU I/O P1[12] — General purpose digital input/output pin. I ENET_RXD3 — Ethernet Receive Data (MII interface). I/O SD_DAT[3] — Data line 3 for SD card interface. I PWM0_CAP0 — Capture input for PWM0, channel 0. P1[13] 147 D16 D14 - [3] I; PU I/O P1[13] — General purpose digital input/output pin. I ENET_RX_DV — Ethernet Receive Data Valid (MII interface). P1[14] 184 A7 D8 128 [3] I; PU I/O P1[14] — General purpose digital input/output pin. I ENET_RX_ER — Ethernet receive error (RMII/MII interface). - R — Function reserved. I T2_CAP0 — Capture input for Timer 2, channel 0. P1[15] 182 A8 A8 126 [3] I; PU I/O P1[15] — General purpose digital input/output pin. I ENET_RX_CLK (ENET_REF_CLK) — Ethernet Receive Clock (MII interface) or Ethernet Reference Clock (RMII interface). - R — Function reserved. I/O I2C2_SDA — I2C2 data input/output (this pin does not use a specialized I2C pad). Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |