Electronic Components Datasheet Search
  English  ▼

X  

LPC1786 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 7Page - NXP Semiconductors LPC1786 Datasheet HTML 8Page - NXP Semiconductors LPC1786 Datasheet HTML 9Page - NXP Semiconductors LPC1786 Datasheet HTML 10Page - NXP Semiconductors LPC1786 Datasheet HTML 11Page - NXP Semiconductors LPC1786 Datasheet HTML 12Page - NXP Semiconductors LPC1786 Datasheet HTML 13Page - NXP Semiconductors LPC1786 Datasheet HTML 14Page - NXP Semiconductors LPC1786 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
11 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P0[5]
166
C12
B11
115
[3]
I;
PU
I/O
P0[5] — General purpose digital input/output pin.
I/O
I2S_RX_WS — I2S Receive word select. It is driven by the
master and received by the slave. Corresponds to the signal WS
in the I2S-bus specification.
O
CAN_TD2 — CAN2 transmitter output.
I
T2_CAP1 — Capture input for Timer 2, channel 1.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[1] — LCD data.
P0[6]
164
D13
D11
113
[3]
I;
PU
I/O
P0[6] — General purpose digital input/output pin.
I/O
I2S_RX_SDA — I2S Receive data. It is driven by the transmitter
and read by the receiver. Corresponds to the signal SD in the
I2S-bus specification.
I/O
SSP1_SSEL — Slave Select for SSP1.
O
T2_MAT0 — Match output for Timer 2, channel 0.
O
U1_RTS — Request to Send output for UART1. Can also be
configured to be an RS-485/EIA-485 output enable signal for
UART1.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[8] — LCD data.
P0[7]
162
C13
B12
112
[4]
I; IA I/O
P0[7] — General purpose digital input/output pin.
I/O
I2S_TX_SCK — I2S transmit clock. It is driven by the master
and received by the slave. Corresponds to the signal SCK in the
I2S-bus specification.
I/O
SSP1_SCK — Serial Clock for SSP1.
O
T2_MAT1 — Match output for Timer 2, channel 1.
I
RTC_EV0 — Event input 0 to Event Monitor/Recorder.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[9] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com