| Electronic Components Datasheet Search |
|
LPC1786 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1786 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 120 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary data sheet Rev. 4 — 1 May 2012 16 of 120 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P1[1] 194 B5 A5 135 [3] I; PU I/O P1[1] — General purpose digital input/output pin. O ENET_TXD1 — Ethernet transmit data 1 (RMII/MII interface). - R — Function reserved. O T3_MAT3 — Match output for Timer 3, channel 3. I/O SSP2_MOSI — Master Out Slave In for SSP2. P1[2] 185 D9 B7 - [3] I; PU I/O P1[2] — General purpose digital input/output pin. O ENET_TXD2 — Ethernet transmit data 2 (MII interface). O SD_CLK — Clock output line for SD card interface. O PWM0[1] — Pulse Width Modulator 0, output 1. P1[3] 177 A10 A9 - [3] I; PU I/O P1[3] — General purpose digital input/output pin. O ENET_TXD3 — Ethernet transmit data 3 (MII interface). I/O SD_CMD — Command line for SD card interface. O PWM0[2] — Pulse Width Modulator 0, output 2. P1[4] 192 A5 C6 133 [3] I; PU I/O P1[4] — General purpose digital input/output pin. O ENET_TX_EN — Ethernet transmit data enable (RMII/MII interface). - R — Function reserved. O T3_MAT2 — Match output for Timer 3, channel 2. I/O SSP2_MISO — Master In Slave Out for SSP2. P1[5] 156 A17 B13 - [3] I; PU I/O P1[5] — General purpose digital input/output pin. O ENET_TX_ER — Ethernet Transmit Error (MII interface). O SD_PWR — Power Supply Enable for external SD card power supply. O PWM0[3] — Pulse Width Modulator 0, output 3. P1[6] 171 B11 B10 - [3] I; PU I/O P1[6] — General purpose digital input/output pin. I ENET_TX_CLK — Ethernet Transmit Clock (MII interface). I/O SD_DAT[0] — Data line 0 for SD card interface. O PWM0[4] — Pulse Width Modulator 0, output 4. P1[7] 153 D14 C13 - [3] I; PU I/O P1[7] — General purpose digital input/output pin. I ENET_COL — Ethernet Collision detect (MII interface). I/O SD_DAT[1] — Data line 1 for SD card interface. O PWM0[5] — Pulse Width Modulator 0, output 5. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |