Electronic Components Datasheet Search
  English  ▼

X  

LPC1786 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 70Page - NXP Semiconductors LPC1786 Datasheet HTML 71Page - NXP Semiconductors LPC1786 Datasheet HTML 72Page - NXP Semiconductors LPC1786 Datasheet HTML 73Page - NXP Semiconductors LPC1786 Datasheet HTML 74Page - NXP Semiconductors LPC1786 Datasheet HTML 75Page - NXP Semiconductors LPC1786 Datasheet HTML 76Page - NXP Semiconductors LPC1786 Datasheet HTML 77Page - NXP Semiconductors LPC1786 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
74 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
For USB operation 3.0 V
 V
DD((3V3)  3.6 V. Guaranteed by design.
[3]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[4]
VDD(REG)(3V3) = 3.3 V; Tamb =25 C for all power consumption measurements.
[5]
Boost control bits in the PBOOST register set to 0x0 (see LPC178x/7x User manual UM10470).
[6]
Boost control bits in the PBOOST register set to 0x3 (see LPC178x/7x User manual UM10470).
[7]
IRC running at 12 MHz; main oscillator and PLL disabled; PCLK = CCLK/4.
[8]
BOD disabled.
[9]
On pin VDD(REG)(3V3); IBAT = <tbd> nA; VBAT = 3.0 V; VDD(REG)(3V3) = 3.3 V.
[10] On pin VBAT; VDD(REG)(3V3) = VDD(3V3) = VDDA = 0; Tamb =25 C.
[11] On pin VBAT; VDD(REG)(3V3) = VDD(3V3) = VDDA = 3.3 V; Tamb =25 C.
[12] All internal pull-ups disabled. All pins configured as output and driven LOW. VDD(3V3) = 3.3 V; Tamb =25 C.
[13] VDDA = 3.3 V; Tamb =25 C.
[14] Vi(VREFP) = 3.3 V; Tamb =25 C.
[15] Including voltage on outputs in 3-state mode.
[16] VDD(3V3) supply voltages must be present.
[17] 3-state outputs go into 3-state mode in Deep power-down mode.
[18] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[19] To VSS.
[20] 3.0 V
 V
DD(3V3)  3.6 V.
[21] Includes external resistors of 33
 1 % on D+ and D.
VDI
differential input
sensitivity voltage
(D+)  (D)
[20] 0.2
--V
VCM
differential common
mode voltage range
includes VDI range
[20] 0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
[20] 0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 k to 3.6 V
[20] --0.18
V
VOH
HIGH-level output
voltage (driven) for
low-/full-speed
RL of 15 k to GND
[20] 2.8
-
3.5
V
Ctrans
transceiver capacitance pin to GND
[20] --20
pF
Oscillator pins (see Section 14.2)
Vi(XTAL1)
input voltage on pin
XTAL1
0.5
1.8
1.95
V
Vo(XTAL2)
output voltage on pin
XTAL2
0.5
1.8
1.95
V
Vi(RTCX1)
input voltage on pin
RTCX1
0.5
-
3.6
V
Vo(RTCX2)
output voltage on pin
RTCX2
0.5
-
3.6
V
Table 13.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com