Electronic Components Datasheet Search
  English  ▼

X  

LPC1786 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC1786
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1786 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC1786 Datasheet HTML 25Page - NXP Semiconductors LPC1786 Datasheet HTML 26Page - NXP Semiconductors LPC1786 Datasheet HTML 27Page - NXP Semiconductors LPC1786 Datasheet HTML 28Page - NXP Semiconductors LPC1786 Datasheet HTML 29Page - NXP Semiconductors LPC1786 Datasheet HTML 30Page - NXP Semiconductors LPC1786 Datasheet HTML 31Page - NXP Semiconductors LPC1786 Datasheet HTML 32Page - NXP Semiconductors LPC1786 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
29 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P3[25]
56
U2
M3
39
[3]
I;
PU
I/O
P3[25] — General purpose digital input/output pin.
I/O
EMC_D[25] — External memory data line 25.
O
PWM1[2] — Pulse Width Modulator 1, output 2.
O
T0_MAT0 — Match output for Timer 0, channel 0.
P3[26]
55
T3
K7
38
[3]
I;
PU
I/O
P3[26] — General purpose digital input/output pin.
I/O
EMC_D[26] — External memory data line 26.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
O
T0_MAT1 — Match output for Timer 0, channel 1.
I
STCLK — System tick timer clock input.
P3[27]
203
A1
-
-
[3]
I;
PU
I/O
P3[27] — General purpose digital input/output pin.
I/O
EMC_D[27] — External memory data line 27.
O
PWM1[4] — Pulse Width Modulator 1, output 4.
I
T1_CAP0 — Capture input for Timer 1, channel 0.
P3[28]
5
D2
-
-
[3]
I;
PU
I/O
P3[28] — General purpose digital input/output pin.
I/O
EMC_D[28] — External memory data line 28.
O
PWM1[5] — Pulse Width Modulator 1, output 5.
I
T1_CAP1 — Capture input for Timer 1, channel 1.
P3[29]
11
F3
-
-
[3]
I;
PU
I/O
P3[29] — General purpose digital input/output pin.
I/O
EMC_D[29] — External memory data line 29.
O
PWM1[6] — Pulse Width Modulator 1, output 6.
O
T1_MAT0 — Match output for Timer 1, channel 0.
P3[30]
19
H3
-
-
[3]
I;
PU
I/O
P3[30] — General purpose digital input/output pin.
I/O
EMC_D[30] — External memory data line 30.
O
U1_RTS — Request to Send output for UART1. Can also be
configured to be an RS-485/EIA-485 output enable signal for
UART1.
O
T1_MAT1 — Match output for Timer 1, channel 1.
P3[31]
25
J3
-
-
[3]
I;
PU
I/O
P3[31] — General purpose digital input/output pin.
I/O
EMC_D[31] — External memory data line 31.
-
R — Function reserved.
O
T1_MAT2 — Match output for Timer 1, channel 2.
P4[0] to
P4[31]
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction
controls for each bit. The operation of port 4 pins depends upon
the pin function selected via the pin connect block.
P4[0]
75
U9
L6
52
[3]
I;
PU
I/O
P4[0] — General purpose digital input/output pin.
I/O
EMC_A[0] — External memory address line 0.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com