Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 34 Page - Intersil Corporation

Part # ISL97656
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 34 Page - Intersil Corporation

Back Button ISL97656 Datasheet HTML 30Page - Intersil Corporation ISL97656 Datasheet HTML 31Page - Intersil Corporation ISL97656 Datasheet HTML 32Page - Intersil Corporation ISL97656 Datasheet HTML 33Page - Intersil Corporation ISL97656 Datasheet HTML 34Page - Intersil Corporation ISL97656 Datasheet HTML 35Page - Intersil Corporation ISL97656 Datasheet HTML 36Page - Intersil Corporation ISL97656 Datasheet HTML 37Page - Intersil Corporation ISL97656 Datasheet HTML 38Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
Intersil Signal Path Products  2012  www.intersil.com
Input Noise Voltage Spectral Density
FREQUENCY (Hz)
1
10
100
1
10
100
1k
10k
100k
Features and benefits
• Full dielectric isolation (DI) and high ESD cells (>4kV ESD
HBM) provide highly robust inputs compared to older
process amplifiers.
• Thin film resistors and fuse-link trim cells offer very low
offset voltages (Figure 2)
Features
• Very Low Voltage Noise.........................................2.5nV/√Hz
• Low Input Offset....................................................70μV, Max.
• Superb Offset Drift ........................................0.5μV/°C, Max.
• Wide Supply Range..............................................4.5V to 40V
• Gain-bandwidth Product................10MHz Unity Gain Stable
• Outstanding ESD Performance
- Human Body Model: 4.0kV
Precision high voltage op amps were developed on
Intersil’s new PR40 process. PR40 is a new precision
process that enables Intersil to develop competitive
precision high voltage amplifiers. Key features of the
new process are full DI, complementary bipolar, low
noise, well-matched Super-beta transistors, P-channel
JFET, high breakdown voltage (>44V), high density
capacitors, Thin Film resistors, fuse-link trim cells, and
high ESD cells. (Figure 1)
Intersil’s ISL28127 is a high voltage precision op amp,
delivering low frequency noise, low distortion, ultra low
offset and low drift offset.
Figure 1 Cross-section drawing of PR40 NPN and PNP devices
Figure 2
Ultra Low Noise: 2.5nV/√Hz @ 1kHz
1/F noise corner at 5Hz
Part Number
Supply
Voltage (V)
Rail-To-Rail
Vos
Max @
25°C
TCVos
Typ
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Av
min @
25°C
Is Max
@
25°C
GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Current
Noise @
1kHz
Single
Dual
Quad
Min Max
In
Out
µV
µV/°C
nA
dB
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
fA/√Hz
ISL28117B ISL28217B ISL28417B 4.5
40
No
No
50
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28127 ISL28227
4.5
40
No
No
70
0.1
10
115
115
120
2.8
10
3.6
0.085
2.5
400
ISL28107 ISL28207
ISL28407
4.5
40
No
No
75
0.1
0.3
115
115
129.5
0.29
1
0.32
0.34
13
53
ISL28117C ISL28217C ISL28417C 4.5
40
No
No
100
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28118
ISL28218
3
40
Single Supply Yes
230
0.3
575
103
109
124.7
1.1
4
1.2
0.3
5.6
355
ISL28177
4.5
40
No
No
150
0.5
1
120
115
120
1.4
0.6
0.2
0.38
9.5
87
ISL28108 ISL28208
ISL28408
3
40
Single Supply Yes
250
0.1
43
105
110
117
0.25
1.2
0.45
0.58
15.8
80
ISL28110
ISL28210
9
40
No
No
300
1
0.002
88
102
104
2.9
12.5
23
0.6
6
9
ISL28325
ISL28345
5
40
No
No
1000
4
5
80
80
100
0.7
1.2
0.4
0.4
9
100
ISL28217
0
20
40
60
80
100
120
140
-50
-30
-10
10
30
50
VOS (µV)
40V Low Noise, Precision Bipolar Op Amp: ISL28127
New Wave of Amplifiers
From PR40-Precision-SOI
Advance Bipolar Process
Precision High Voltage Op
Amps were Developed on
Intersil’s New PR40 Process
20% Lower Noise at 30% Less Power Than
Competition
PR40 Process
Low Offset Voltage
► High Voltage Ultra Precision
Evalboard
Available!
Evalboard
Available!
Bond Ox
NBL
PBL
N- collector
NPN
PNP
NSink
PSink
P-collector
Deep Trench
NBase
PBase
N+emit
P+emit
M2
Passivation
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com