Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL97656
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL97656 Datasheet HTML 13Page - Intersil Corporation ISL97656 Datasheet HTML 14Page - Intersil Corporation ISL97656 Datasheet HTML 15Page - Intersil Corporation ISL97656 Datasheet HTML 16Page - Intersil Corporation ISL97656 Datasheet HTML 17Page - Intersil Corporation ISL97656 Datasheet HTML 18Page - Intersil Corporation ISL97656 Datasheet HTML 19Page - Intersil Corporation ISL97656 Datasheet HTML 20Page - Intersil Corporation ISL97656 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1.8V, Micro Power Single Tx, Rx and Transceivers RS-485/422
Intersil Signal Path Products  2012  www.intersil.com
17
+3V to +5V, RS-485/422 Transceivers, Transmitters, Receivers
► RS-485/422
Basic Features
Device
5V
3V
Dr
Rec
Half Dup
Full Dup
SRL
kbps
Hi Speed
Mbps
125C temp
FailSafe
Open
Fract UL
High ESD
ISL848x
Y
1
1
Y
Y
250
5
Y
32
ISL848xE
Y
1
1
Y
Y
250
5
8485E
Y
32
15kV HBM
ISL4485E
Y
1
1
Y
20
Y
32
15kV HBM
ISL4489/91E
Y
1
1
Y
250
15
Y
256
15kV HBM
ISL8x487
Y
1
1
Y
250
5
Y
256
ISL8348x
Y
1
1
Y
Y
250
10
Y
32
ISL43485
Y
1
1
Y
30
Y
32
ISL81485/86
Y
1
1
Y
30
Y
32
ISL4486
Y
1
1
Y
40
Y
32
Enhanced Features
Device
5V
3V
Dr
Rec
Half Dup
Full Dup
SRL
kbps
Hi Speed
Mbps
125C temp
Full Fail
Safe
Fract UL
High ESD Hot Plug
ISL8308xE
Y
1
1
Y
Y
115/ 500
10
Y
256
15kV HBM
Y
ISL8307xE
Y
1
1
Y
Y
250/500
20
Y
256
15kV HBM
Y
ISL315xE
Y
1
1
Y
Y
115/1M
20/40
3159
Y
256
IEC61000
Y
ISL317xE
Y
1
1
Y
Y
250/500
20/40
3179
Y
256
IEC61000
Y
ISL328xE
Y
Y
1
20
Y
Y
256
IEC61000
ISL329xE
Y
Y
1
250/500
20
Y
256
IEC61000
Y
ISL32x73/5/7E
Y
Y
4
80
Y
128
IEC61000
ISL32x72/4E
Y
Y
4
460
10/32
Y
256
IEC61000
Y
ISL3259E
Y
1
1
Y
100
Y
Y
160
IEC61000
Y
Over Voltage Protected to 60V
Device
5V
3V
Dr
Rec
Half Dup
Full Dup
SRL
kbps
Hi Speed
Mbps
Wide Vcm
Full Fail
Safe
Fract UL
High ESD Hot Plug
ISL3149xE
Y
1
1
Y
Y
250/1000
15
±25
Y
128
Y
ISL3148xE
Y
1
1
Y
Y
1000
±25/
Polarity reversal
Y
128
Y
ISL3147xE
Y
1
1
Y
Y
250/1000
15
±15
Y
128
Y
ISL3245xE*
Y
1
1
Y
Y
250/1000
±20
Y
128
15kV HBM
ISL3249x
Y
1
1
Y
Y
250/1000
15
±25
Y
128
15kV HBM
Y
ISL3248x
Y
1
1
Y
Y
1000
±25/
Polarity reversal
Y
128
15kV HBM
Y
ISL3247x
Y
1
1
Y
Y
250/1000
15
±15
Y
128
15kV HBM
Y
1.8V RS-485/422 Tx, Rx, and Transceivers with Ultra Low Supply
Current for Remote or Solar Powered Sensor Communication
Device
Tx
Rx
Supply
Range
Data Rate
kbps
ICC
(µA)
max
Shut-
down
Current
(µA)
max
ESD rating
Pkg
ISL32610E
0
1
1.8-3.6V 256/500
110
7
IEC61000
SOT23
ISL32611E
0
1
1.8-3.6V 256/500
110
7
IEC61000
SOT23
ISL32612E
0
1
1.8-3.6V 256/500
110
7
IEC61000
SOT23
ISL32613E
1
0
1.8-3.6V 256/500
80
2
IEC61000
SOT23
ISL32614E
1
0
1.8-3.6V 256/500
80
2
IEC61000
SOT23
ISL3260xE
(coming soon)
1
1
1.8-3.6V 128/460
85
1
IEC61000
SOIC/
MSOP
Intersil offers a broad portfolio of robust RS-485/422 devices that have the basic 485 protocol features or enhanced
features that add to product reliability. With supply voltage ranges from 1.8V to 5.5V you can find about any kind of
differential solution to fit your application.
0.1µF
+
R
4
6
1
3
5
2
VCC
GND
RO
RE
A
B
+1.8V
0.1µF
+
D
6
4
2
3
1
5
VCC
GND
DE
DI
Y
Z
+1.8V
ISL32611E
ISL32613E
* Coming soon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com