Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 24 Page - Intersil Corporation

Part # ISL97656
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 24 Page - Intersil Corporation

Back Button ISL97656 Datasheet HTML 20Page - Intersil Corporation ISL97656 Datasheet HTML 21Page - Intersil Corporation ISL97656 Datasheet HTML 22Page - Intersil Corporation ISL97656 Datasheet HTML 23Page - Intersil Corporation ISL97656 Datasheet HTML 24Page - Intersil Corporation ISL97656 Datasheet HTML 25Page - Intersil Corporation ISL97656 Datasheet HTML 26Page - Intersil Corporation ISL97656 Datasheet HTML 27Page - Intersil Corporation ISL97656 Datasheet HTML 28Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
8-, 10-, 12-Bit, 500MSPS: ISLA118P50, ISLA110P50, ISLA112P50
10- & 12-Bit, 250MSPS: KAD551xP, KAD561xP
Lowest Power, Highest
Performance 8-, 10-, 12-Bit
500MSPS ADCs
The ISLA11xP50 are a series of low-power, high-performance
8-, 10-, and 12-Bit 500MSPS analog-to-digital converters
designed with Intersil’s proprietary FemtoCharge™ technology on
a standard CMOS process. These devices are an upgrade of the
KAD551XP-50 product family and are pin similar.
Single and Dual-Channel,
Highest Performance,
Lowest Power 10-, 12-Bit
250MSPS ADCs
The KAD551xP and KAD561xP are a series of low-
power, high-performance, single & dual-channel, 10- &
12-Bit, analog-to-digital converters. Designed with
FemtoCharge™ technology on a standard CMOS process,
the series supports sampling rates of up to 250MSPS. The
KAD5x1xP-25 is the fastest member of this pin-compatible
family, which also features sample rates of 210MSPS
(KAD561xP-21/KAD551xP-21), 170MSPS (KAD561xP-17/
KAD551xP-17) and 125MSPS (KAD561xP-12/KAD551xP-12).
• Highest Performance 8-, 10-, and 12-Bit 500MSPS ADCs
• Lowest Power 10- & 12-Bit 500MSPS ADCs
• Only Pin-Compatible 8-, 10-, and 12-Bit 500MSPS ADCs
• Support for Multi-Channel Systems:
- Fine gain/offset adjust for channel matching
- Clock divider synchronous reset for channel synchronization
- Optimized output timing for multi-channel system reliability
• Support for Under-sampling/High IF Applications
- 1.15GHz analog input bandwidth
- 60fs clock jitter
- Dynamic performance specified to 1GHz
• Lowest Power 10- & 12-Bit 250MSPS Single & Dual
ADCs
• Highest Performance 10-Bit 250MSPS Single & Dual
ADC
• Only Pin-Compatible 10- & 12-Bit Dual 250MSPS
ADCs
• Programmable Gain, Offset and Skew for Channel-
to-Channel Matching
• Support for Under-sampling/High IF Applications
- 1.3GHz analog input bandwidth
- 60fs clock jitter
- Dynamic performance specified to 1GHz
Applications
• Portable Instrumentation
• High Performance Data Acquisition
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• Communications Test Equipment
• WiMAX and Microwave Receivers
Device
SNR (dBFS)
SFDR (dBc)
ENOB (bits)
Power
(mW)
ISLA112P50
65.9
86
10.7
455
ISLA110P50
60.7
86
9.8
441
ISLA118P50
49.9
68
8.0
428
Device
Channels
SNR
(dBFS)
SFDR
(dBc)
ENOB
(bits)
Power
(mW)
KAD5612P-25
2
66.0
86
10.7
429
KAD5512P-25
1
66.1
87
10.6
235
KAD5610P-25
2
60.7
86
9.8
411
KAD5510P-25
1
60.7
86
9.8
235
61
62
63
64
65
66
67
0
100
200
300
400
500
INPUT FREQUENCY (MHz)
ISLA112P50
CompA
CompB
CompC
0
500
1000
1500
2000
2500
ISLA112P50 Comp A
Comp B
Comp C
12 - Bit 500MSPS ADC Power
High SNR
Lowest Power
Key Features
Key Features
24
Intersil Signal Path Products  2012  www.intersil.com
Evalboard
Available!
Evalboard
Available!
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com