Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL97656
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL97656 Datasheet HTML 10Page - Intersil Corporation ISL97656 Datasheet HTML 11Page - Intersil Corporation ISL97656 Datasheet HTML 12Page - Intersil Corporation ISL97656 Datasheet HTML 13Page - Intersil Corporation ISL97656 Datasheet HTML 14Page - Intersil Corporation ISL97656 Datasheet HTML 15Page - Intersil Corporation ISL97656 Datasheet HTML 16Page - Intersil Corporation ISL97656 Datasheet HTML 17Page - Intersil Corporation ISL97656 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
+1.1V to 4.5V, Sub Ω Switches/MUXes
Device
Switches
Configuration
Ron
Con
Package
Notes
Single
ISL43L110
1
SPST
NO
0.24
160
5 SC70
ISL43L111
1
SPST
NC
0.24
160
5 SC70
ISL84715
1
SPST
NO
0.26
160
5 SC70
ISL84716
1
SPST
NC
0.26
160
5 SC70
ISL43L210
2
SPDT
2:1
0.38
110
6 SC70
ISL84714
2
SPDT
2:1
0.44
100
6 SC70
Dual
ISL43L120
2
SPST
NO
0.16
290
8 MSOP, TDFN
ISL43L121
2
SPST
NC
0.16
290
8 MSOP, TDFN
ISL43L122
2
SPST
MIX
0.16
290
8 MSOP, TDFN
ISL43L710
2
DPST
NO
0.17
290
8 MSOP, TDFN
ISL43L712
2
DPST
MIX
0.17
290
8 MSOP, TDFN
ISL54047
2
DPST
NO
0.45
233
10 µTQFN
T-Switch. High Off Isolation
ISL54048
2
DPST
NO
0.29
176
10 µTQFN
ISL54049
2
DPST
NC
0.29
176
10 µTQFN
ISL43L220
4
SPDT
2:1
0.22
224
10 TDFN
ISL43L410
4
DPDT
2:1
0.25
224
10 MSOP, TDFN
ISL54049
4
SPDT
2:1
0.29
176
10 µTQFN
ISL54050
4
SPDT
2:1
0.3
176
10 µTQFN
ISL84684
4
SPDT
2:1
0.29
224
10 MSOP, TDFN
ISL84684II
4
SPDT
2:1
0.27
355
10 CSP
ISL84762
4
SPDT
2:1
0.35
224
10 MSOP, TDFN
ISL8484
4
SPDT
2:1
0.3
176
10 MSOP, TDFN
Quads
ISL43L420
8
DPDT
2:1
0.25
212
16 QFN
ISL54056
8
DPDT
2:1
0.4
102
16 µTQFN
ISL83699
8
DPDT
2:1
0.3
212
16 TQFN, TSSOP
ISL84467
8
DPDT
2:1
0.4
102
16 TQFN, TSSOP
ISL84780
8
DPDT
2:1
0.4
125
16 QFN, TSSOP
ISL8499
8
DPDT
2:1
0.26
212
16 QFN, TQFN, TSSOP
4:1
ISL43L840
8
Dual
4:1
0.5
232
16 QFN, TSSOP
ISL43L841
8
Diff
4:1
0.47
232
16 QFN
ISL54057
8
Diff
4:1
0.45
233
16 µTQFN
ISL54058
8
Dual
4:1
0.29
176
16 µTQFN
ISL84782
8
Diff
4:1
0.29
176
16 QFN, TSSOP
8:1
ISL84781
8
Single
8:1
0.41
485
16 QFN, TSSOP
+1.8V to 6.5V Switches/MUXes
Device
Switches
Configuration
Ron
Con
Package
Notes
Single
ISL54051
1
SPST
NO
0.86
48
6 SOT23, µTDFN
ISL54052
1
SPST
NC
0.86
48
6 SOT23, µTDFN
ISL54054
1
SPST
NO
0.36
62
6 SOT23, µTDFN
ISL54055
1
SPST
NC
0.36
62
6 µTDFN
ISL54501
1
SPST
NO
5
12
6 SOT23, µTDFN
ISL54502
1
SPST
NC
5
12
6 SOT23, µTDFN
ISL54504
1
SPST
NO
2.5
18
6 SOT23, µTDFN
ISL54505
1
SPST
NC
2.5
18
6 SOT23, µTDFN
ISL54053
2
SPDT
2:1
0.86
48
6 SOT23, µTDFN
ISL54500
2
SPDT
2:1
5
12
6 SOT23, µTDFN
ISL54503
2
SPDT
2:1
2.5
18
6 SOT23, µTDFN
Duals with
Negative
Signal Swing
ISL54059
4
SPDT
2:1
0.52
100
10 TDFN, µTQFN
ISL54060
2
SPST
NO
0.52
100
10 TDFN, µTQFN
ISL54061
2
SPST
NC
0.52
100
10 TDFN, µTQFN
ISL54062
4
SPDT
2:1
0.55
88
10 TDFN, µTQFN
Click & Pop Elimination
ISL54063
2
SPST
NO
0.55
88
10 TDFN, µTQFN
Click & Pop Elimination
ISL54064
2
SPST
NC
0.55
88
10 TDFN, µTQFN
Click & Pop Elimination
ISL54065
4
SPDT
2:1
0.52
88
12 µTQFN
Selectable Click & Pop Elimination. All switches open mode
ISL54066
2
SPST
NO
1
124
10 TDFN, µTQFN
T-Switch. High Off Isolation
ISL54405
4
DPDT
2:1
1.9
27
16 TQFN, TSSOP, µTQFN Very Low THD, Click & Pop Elimination
14
Intersil Signal Path Products  2012  www.intersil.com
►Low Voltage(<6V) Switches/MUXes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com