Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL97656
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL97656 Datasheet HTML 12Page - Intersil Corporation ISL97656 Datasheet HTML 13Page - Intersil Corporation ISL97656 Datasheet HTML 14Page - Intersil Corporation ISL97656 Datasheet HTML 15Page - Intersil Corporation ISL97656 Datasheet HTML 16Page - Intersil Corporation ISL97656 Datasheet HTML 17Page - Intersil Corporation ISL97656 Datasheet HTML 18Page - Intersil Corporation ISL97656 Datasheet HTML 19Page - Intersil Corporation ISL97656 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
• Wide Power Supply Range: +2.7V to +5.5V
• Very Low, 300µA Supply Curent
• Meets EIA/TIA-232 Specifications Down to VCC
= 3.0V
• Ultra Small QFN Package
- 40% smaller package than 20-lead TSSOP
Key Features
16
Intersil Signal Path Products  2012  www.intersil.com
5mm x 5mm QFN Package
0.9mm Ultra-Thin Profile
ISL4221E
13
VCC
T1OUT
T1IN
T1
0.1µF
+0.1µF
+
0.1µF
9
11
16
2
1
5
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
3
4
R1OUT
R1IN
R1
6
7
5kΩ
C1
C2
+ C3
C4
EN
15
GND
+3.3V
+
0.1µF
12
TTL/CMOS
LOGIC
RS-232
LEVELS
FORCEON
FORCEOFF
10
14
VCC
8
INVALID
TO POWER
CONTROL LOGIC
LEVELS
±15kV HBM and IEC61000
ESD Protection
+3V to +5V, RS-232 IEC-61000 ESD-Protected Transceivers in QFN Package
Device
No. of Tx.
No. of Rx.
Date Rate (kbps)
Rx. Enable Function?
Manual Power-down?
Automatic Power-down?
VL
ISL4221E
1
1
250
Yes
Yes
Yes
No
ISL3232E
2
2
250
No
No
No
No
ISL4223E
2
2
250
Yes
Yes
Yes
No
ISL4260E
3
2
250
No
Yes
Yes
No
ISL4270E
3
3
250
No
Yes
Yes
No
ISL4238E
5
3
250
No
Yes
Yes
No
ISL4243E
3
5
250
No
Yes
Yes
No
ISL3241E
3
5
250
Yes
Yes
No
Yes
ISL3243E
3
5
250
No
Yes
No
Yes
Interface
► RS-232
+3V to +5.5V, ESD-Protected Transmitters/Receivers
Device
# of Tx # of Rx
High
ESD
Manual
Shutdown
Auto
Shutdown Rx Disable
Data Rate
(Mbps)
Cap. Value
(µF)
IS Enabled
(mA)
IS Disabled
(µA)
VCC Range
(V)
Package
ICL3207E
5
3
Yes
No
No
No
0.3
0.1
0.3
N/A
3 to 5.5
24 Ld SOIC, 24 Ld SSOP
ICL3217E
5
3
Yes
No
Basic
No
0.3
0.1
0.3
1
3 to 5.5
24 Ld SOIC, 24 Ld SSOP
ICL3221E
1
1
Yes
Yes
Basic
Yes
0.5
0.1
0.3
1
3 to 5.5
16 Ld SSOP, 16 Ld TSSOP
ICL3221EM
1
1
Yes
Yes
Basic
Yes
0.5
0.1
0.3
1
0 to 3.6
16 Ld TSSOP
ICL3222E
2
2
Yes
Yes
No
Yes
0.5
0.1
0.3
1
3 to 5.5
18 Ld SOIC, 20 Ld SSOP, 20 Ld TSSOP
ICL3223E
2
2
Yes
Yes
Basic
Yes
0.5
0.1
0.3
1
3 to 5.5
20 Ld SSOP, 20 Ld TSSOP
ICL3224E
2
2
Yes
Yes
Enhanced
No
0.5
0.1
0.3
1
3 to 5.5
20 Ld SSOP
ICL3225E
2
2
Yes
Yes
Enhanced
No
1
0.1
0.3
1
3 to 5.5
20 Ld PDIP, 20 Ld SSOP
ICL3226E
1
1
Yes
Yes
Enhanced
No
0.5
0.1
0.3
1
3 to 5.5
16 Ld SSOP
ICL3227E
1
1
Yes
Yes
Enhanced
No
1
0.1
0.3
1
3 to 5.5
16 Ld SSOP
ICL3232E
2
2
Yes
No
No
No
0.5
0.1
0.3
N/A
3 to 5.5
16 Ld SOIC, 16 Ld SSOP, 16 Ld TSSOP,
20 Ld TSSOP
ICL3237E
5
3
Yes
Yes
No
Yes
0.5/1.0
0.1
0.3
0.01
3 to 5.5
28 Ld SSOP
ICL3238E
5
3
Yes
Yes
Enhanced
No
0.5
0.1
0.3
0.01
3 to 5.5
28 Ld SSOP, 28 Ld TSSOP
ICL3241E
3
5
Yes
Yes
No
Yes
0.5
0.1
0.3
1
3 to 5.5
28 Ld SOIC, 28 Ld SSOP, 28 Ld TSSOP
ICL3243E
3
5
Yes
Yes
Basic
No
0.5
0.1
0.3
1
3 to 5.5
28 Ld SOIC, 28 Ld SSOP, 28 Ld TSSOP
ICL3244E
3
5
Yes
Yes
Enhanced
No
0.5
0.1
0.3
1
3 to 5.5
28 Ld SSOP
ICL3245E
3
5
Yes
Yes
Enhanced
No
1
0.1
0.3
1
3 to 5.5
28 Ld SOIC, 28 Ld SSOP, 28 Ld TSSOP
RS-232 Transceiver: ISL4221E
RS-232 Transceiver
in Ultra Small
QFN Package
Typical Operating Circuits
Intersil offers a broad portfolio of robust, wide operating voltage range, RS-232 transceivers. There are many
transmitter and receiver combinations in standard inline packages plus space saving QFN package options as well.
Most operate over a wide 2.7V to 5.5V supply range with a variety of power down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com