Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 41 Page - Intersil Corporation

Part # ISL97656
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 41 Page - Intersil Corporation

Back Button ISL97656 Datasheet HTML 36Page - Intersil Corporation ISL97656 Datasheet HTML 37Page - Intersil Corporation ISL97656 Datasheet HTML 38Page - Intersil Corporation ISL97656 Datasheet HTML 39Page - Intersil Corporation ISL97656 Datasheet HTML 40Page - Intersil Corporation ISL97656 Datasheet HTML 41Page - Intersil Corporation ISL97656 Datasheet HTML 42Page - Intersil Corporation ISL97656 Datasheet HTML 43Page - Intersil Corporation ISL97656 Datasheet HTML 44Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
41
Single Rail Hot Plug Conroller: ISL6186
Typical Application
High Accuracy Current Limit And Trip
Better RDS(on) Performance
Single USB Port
Power Supply
Controller
• 2.5V to 5.5V Operating Range
• 45mΩ Integrated Power P-channel
MOSFET Switches
• Variants for 1.5A, 3.0A and 3.6A
Continuous Current Operation with
Accurate Current Limiting
• Thermally Insensitive 12ms of Current
Limiting Prior to Latch-Off or Turn-Off
• Output Discharges with Reverse Current
Blocking when Disabled
• Latch-off or Auto Restart Variants
• 1µA Off-State Supply Current.
• Enable Polarity Variants
• Industry Standard Pin for Pin SOIC and
Smaller DFN Packages
D+
D-
D+
D-
+5V
VIN
FAULT
ENABLE
GND
OUT
ISL6186
U
S
B
C
O
N
T
R
O
L
L
E
R
VBUS
VBUS
USB
PORT 1
USB
PORT_2
USB PORT POWER
TEMPERATURE (°C)
1.0
1.5
2.0
2.5
3.0
-40
25
85
5V ITRIP
3.3V ITRIP
5V Isc
2.5V ITRIP
5V ILIM
2.5V ILIM
3.3V ISC
3.3V ILIM
2.5V ISC
85
80
75
70
65
60
55
50
45
40
35
-40
-25
0
25
45
75
85
115
TEMPERATURE (°C)
VIN = 2.5V
VIN = 3.3V
VIN = 5V
► Hot Plug Controllers
Pin-pin replacement for
ISL6121
Key Features
Switch On-Resistance at 0.5A
1.5A Continuous Current Characteristics
Single Rail Hot Plug Conrollers
Device
Device Description
VBIAS
(V)
Controlled
Voltages (V)
Regulation or Latch-Off for
Overcurrent
rDS(ON)
(mΩ)
UV/OV
Feature
Reporting
Package
Internal FET
ISL6121
Single Supply Integrated Current Limiting
Controller
+2.5 to +5.5
+2.5 to +5.5
Current Regulation (2A)
50
UV Lockout
Fault-bar for OC Latch-Off 8 Ld SOIC
ISL6186
Single Supply Integrated Current Limiting
Controller
+2.5 to +5.5
+2.5 to +5.5
Current Regulation Various
Latch-Off or Retry
45
UV Lockout
Fault-bar for OC Latch-Off 8 Ld SOIC, 8 Ld
DFN, 10 Ld DFN
External FET
ISL6115/
ISL6115A Power Distribution Controllers
12
12
Current Regulation
UV Lockout
PGOOD + Fault Off
8 Ld SOIC
ISL6116
Power Distribution Controllers
12
5
Current Regulation
UV Lockout
PGOOD + Fault Off
8 Ld SOIC
ISL6117
Power Distribution Controllers
12
3.3
Current Regulation
UV Lockout
PGOOD + Fault Off
8 Ld SOIC
ISL6120
Power Distribution Controllers
12
2.5
Current Regulation
UV Lockout
PGOOD + Fault Off
8 Ld SOIC
ISL6140/
ISL6150
Negative Voltage Hot Plug Controller
-10 to -80
-10 to -80
Latch-Off
UV/OV
Lockout
PWRGD
8 Ld SOIC
ISL6141/
ISL6142
Negative Voltage Hot Plug Controller
-20 to -80
-20 to -80
Current Regulation
UV/OV
Lockout
PWRGD
8/14 Ld SOIC
ISL6151/
ISL6152
Negative Voltage Hot Plug Controller
-20 to -80
-20 to -80
Current Regulation
UV/OV
Lockout
PWRGD
8/14 Ld SOIC
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com