Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # 3005
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3005 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button 3005 Datasheet HTML 45Page - NXP Semiconductors 3005 Datasheet HTML 46Page - NXP Semiconductors 3005 Datasheet HTML 47Page - NXP Semiconductors 3005 Datasheet HTML 48Page - NXP Semiconductors 3005 Datasheet HTML 49Page - NXP Semiconductors 3005 Datasheet HTML 50Page - NXP Semiconductors 3005 Datasheet HTML 51Page - NXP Semiconductors 3005 Datasheet HTML 52Page - NXP Semiconductors 3005 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
50
NXP Semiconductors RF Manual 16th edition
bra823
BGY885A
BGO807C
BGO807CE
BGD812
H
L
OUT
port 1
BGD812
H
L
OUT
port 2
EQ
PAD
PAD
PAD
bra820
IN
port
OUT
port
BGY588C
BGE788C
CGY888C
EQ
PAD
bra821
IN
port
OUT
port
BGD712C
BGY785A
BGY787
EQ
PAD
BGY588C, BGE788C, and CGY888C
The last stage of an HFC network structure is called
a ‘terminating amplifier‘ or, since it's close to the subscriber, a
"user amplifier." terminating amplifier requires a single module
such as the BGY588C for 550 MHz, the BGE788C for 750 MHz
and the CGY888C for 870 MHz systems. These modules fit
perfectly in the Chinese "Connecting to Every Village" projects.
BGD712C
The BGD712C is a 750 MHz, 18 dB power doubler module.
It has been designed for 750 MHz optical nodes including
ordinary or optical receivers and distribution amplifiers.
It can also be used in line-extender amplifiers together with
a 750 MHz push-pull module, such as the BGY785A or the
BGY787. As such it can be used widely in Chinese "Connecting
to Every Village" projects.
CGD944C and CGD942C
Our full GaAs power doubler modules, the CGD942C and
the CGD944C offer high output power and better CTB
and CSO than other modules. Designed for high-end HFC
networks containing optical nodes with multiple out-ports,
these modules enable each port to directly cover at least
125 subscribers. These two devices are ideal when used in
upgrading HFC networks to 870 MHz.
CGD982HCi, CGD985HCi, and CGD987HCi
Our newest GaAs power doubler modules, the CGD982HCi,
the CGD985HCi and the CGD987HCi are customized designs
for CATV hybrid fiber coax Chinese networks operating in the
40 to 1003 MHz bandwidth, and specified with the Chinese
cable TV network official loading raster on top of the
traditional NTSC loading rasters. For use in optical notes for
fiber deep applications where the output power level needs
to be at its highest.
bra822
(N + 1)
RF switch
CGD94xC / CGD98xHCi
H
L
OUT
port 1
CGD94xC / CGD98xHCi
H
L
OUT
port 2
CGD94xC / CGD98xHCi
H
L
OUT
port 3
CGD94xC / CGD98xHCi
BGO807C
BGO807CE
BGO807C
BGO807CE
H
L
OUT
port 4
EQ
PAD
PAD
PAD
PAD
PAD
BGO807C
The BGO807C is an integrated optical receiver module that
provides high output levels with integrated temperature-
compensated circuitry. In an optical node design, the
BGO807C enables a high performance / price ratio
and ruggedness. When upgrading an HFC network from
analog to digital, the BGO807C is the perfect fit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com