Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # 3005
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3005 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button 3005 Datasheet HTML 75Page - NXP Semiconductors 3005 Datasheet HTML 76Page - NXP Semiconductors 3005 Datasheet HTML 77Page - NXP Semiconductors 3005 Datasheet HTML 78Page - NXP Semiconductors 3005 Datasheet HTML 79Page - NXP Semiconductors 3005 Datasheet HTML 80Page - NXP Semiconductors 3005 Datasheet HTML 81Page - NXP Semiconductors 3005 Datasheet HTML 82Page - NXP Semiconductors 3005 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 130 page
background image
80
NXP Semiconductors RF Manual 16th edition
PIN diodes : typical r
D @ 1 mA = 2.2 - 2.4, switching diodes
Type
Package
Number of
diodes
Config
V
R max
(V)
IF max
(mA)
@ f = 100 MHz
@ f = 1 MHz
@ IF = 0.5 mA @ IF = 1 mA
@ IF = 10 mA
@ V
R
= 0 V
@ V
R = 1 V
@ V
R = 20 V
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
C
d
typ
(pF)
C
d
typ
(pF)
C
d
max
(pF)
C
d
typ
(pF)
C
d
max
(pF)
BAP55LX
SOD882D
1
SG
50
100
3.3
4.5
2.2
3.3
0.8
1.2
0.28
0.23
-
0.18
0.28
BAP1321-02
SOD523
1
SG
60
100
3.4
5
2.4
3.6
1.2
1.8
0.4
0.35
0.45
0.25
0.32
BAP1321-03
SOD323
1
SG
60
100
3.4
5
2.4
3.6
1.2
1.8
0.4
0.35
0.45
0.25
0.32
BAP1321-04
SOT23
2
SR
60
100
3.4
5
2.4
3.6
1.2
1.8
0.42
0.375
0.45
0.275
0.325
BAP1321LX
SOD882D
1
SG
60
100
3.3
5
2.4
3.6
1.2
1.8
0.32
0.27
0.38
0.21
0.28
BAP142LX
SOD882D
1
SG
50
100
3.3
5
2.4
3.6
1
1.8
0.25
0.22
-
0.16
0.26
PIN diodes : typical r
D @ 1 mA = 3.2 - 3.6, switching diodes
Type
Package
Number
of diodes
Config
V
R max
(V)
IF max
(mA)
@ f = 100 MHz
@ f = 1 MHz
@ IF = 0.5 mA @ IF = 1 mA
@ IF = 10 mA
@ V
R
= 0 V
@ V
R = 1 V
@ V
R = 20 V
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
C
d
typ
(pF)
C
d
typ
(pF)
C
d
max
(pF)
C
d
typ
(pF)
C
d
max
(pF)
BAP51LX
SOD882D
1
SG
60
100
4.9
9
3.2
6.5
1.4
2.5
0.3
0.22
0.4
0.17
0.3
BAP51-02
SOD523
1
SG
60
50
5.5
9
3.6
6.5
1.5
2.5
0.4
0.3
0.55
0.2
0.35
BAP51-03
SOD323
1
SG
50
50
5.5
9
3.6
6.5
1.5
2.5
0.4
0.3
0.55
0.2
0.35
BAP51-04W
SOT323
2
SR
50
50
5.5
9
3.6
6.5
1.5
2.5
0.4
0.3
0.55
0.2
0.35
BAP51-05W
SOT323
2
CC
50
50
5.5
9
3.6
6.5
1.5
2.5
0.4
0.3
0.55
0.2
0.35
BAP51-06W
SOT323
2
CA
50
50
5.5
-
3.6
-
2
-
0.4
0.3
-
0.2
-
PIN diodes : typical r
D @ 1 mA = 10, attenuator/switching diodes
Type
Package
Number
of diodes
Config
V
R max
(V)
IF max
(mA)
@ f = 100 MHz
@ f = 1 MHz
@ IF = 0.5 mA @ IF = 1 mA
@ IF = 10 mA
@ V
R =
0 V
@ V
R = 1 V
@ V
R = 20 V
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
C
d
typ
(pF)
C
d
typ
(pF)
C
d
max
(pF)
C
d
typ
(pF)
C
d
max
(pF)
BAP64Q
SOT753
4
SR
100
100
20
40
10
20
2
3,8
0.52
0.37
-
0.23
0.35
BAP64-02
SOD523
1
SG
175
100
20
40
10
20
2
3.8
0.48
0.35
-
0.23
0.35
BAP64-03
SOD323
1
SG
175
100
20
40
10
20
2
3.8
0.48
0.35
-
0.23
0.35
BAP64-04
SOT23
2
SR
175
100
20
40
10
20
2
3.8
0.52
0.37
-
0.23
0.35
BAP64-04W
SOT323
2
SR
100
100
20
40
10
20
2
3.8
0.52
0.37
-
0.23
0.35
BAP64-05
SOT23
2
CC
175
100
20
40
10
20
2
3.8
0.52
0.37
-
0.23
0.35
BAP64-05W
SOT323
2
CC
100
100
20
40
10
20
2
3.8
0.52
0.37
-
0.23
0.35
BAP64-06
SOT23
2
CA
175
100
20
40
10
20
2
3.8
0.52
0.37
-
0.23
0.35
BAP64-06W
SOT323
2
CA
100
100
20
40
10
20
2
3.8
0.52
0.37
-
0.23
0.35
BAP64LX^
SOD882D
1
SG
60
100
31
50
16
26
2.6
4.4
0.48
0.34
-
0.17*
0.3*
^ = attenuator / switching diode
*= @ VR = 20 V
PIN diodes : typical r
D @ 1 mA = 14 - 16, attenuator diodes
Type
Package
Number
of diodes
Config
V
R max
(V)
IF max
(mA)
@ f = 100 MHz
@ f = 1 MHz
@ IF = 0.5 mA @ IF = 1 mA
@ IF = 10 mA
@ V
R =
0 V
@ V
R = 1 V
@ V
R = 5 V
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
C
d
typ
(pF)
C
d
typ
(pF)
C
d
max
(pF)
C
d
typ
(pF)
C
d
max
(pF)
BAP50-02
SOD523
1
SG
50
50
25
40
14
25
3
5
0.4
0.3
0.55
0.22
0.35
BAP50-03
SOD323
1
SG
50
50
25
40
14
25
3
5
0.4
0.3
0.55
0.2
0.35
BAP50-04
SOT23
2
SR
50
50
25
40
14
25
3
5
0.45
0.35
0.6
0.3
0.5
BAP50-04W
SOT323
2
SR
50
50
25
40
14
25
3
5
0.45
0.35
0.6
0.3
0.5
BAP50-05
SOT23
2
CC
50
50
25
40
14
25
3
5
0.45
0.3
0.5
0.35
0.6
BAP50-05W
SOT323
2
CC
50
50
25
40
14
25
3
5
0.45
0.35
0.6
0.3
0.5
BAP50LX
SOD882D
1
SG
50
50
26
40
14
25
3
5
0.4
0.28
0.55
0.19
0.35
PIN diodes : typical r
D @ 1 mA = 40, attenuator diodes
Type
Package
Number
of diodes
Config
V
R max
(V)
IF max
(mA)
@ f = 100 MHz
@ f = 1 MHz
@ IF = 0.5
mA
@ IF = 1 mA
@ IF = 10 mA
@ V
R
= 0 V
@ V
R = 1 V
@ V
R = 20 V
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
r
D
typ
(Ω)
r
D
max
(Ω)
C
d
typ
(pF)
C
d
typ
(pF)
C
d
max
(pF)
C
d
max
(pF)
C
d
typ
(pF)
BAP70Q
SOT753
4
SR
50
100
77
100
40
50
5.4
7
0.6
0.43
-
0.25
0.3
BAP70-02
SOD523
1
SG
50
100
77
100
40
50
5.4
7
0.57
0.4
-
0.2
0.25
BAP70-03
SOD323
1
SG
50
100
77
100
40
50
5.4
7
0.57
0.4
-
0.2
0.25
BAP70-04W
SOT323
2
SR
50
100
77
100
40
50
5.4
7
0.6
0.43
-
0.25
0.3
BAP70-05
SOT23
2
CC
50
100
77
100
40
50
5.4
7
0.6
0.43
-
0.25
0.3
BAP70AM
SOT363
4
SR
50
100
77
100
40
50
5.4
7
0.57
0.4
-
0.2
0.25
Bold = highly recommended product
SG = single
CC = common cathode
SR = series
CA = common anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com