Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # 3005
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3005 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button 3005 Datasheet HTML 60Page - NXP Semiconductors 3005 Datasheet HTML 61Page - NXP Semiconductors 3005 Datasheet HTML 62Page - NXP Semiconductors 3005 Datasheet HTML 63Page - NXP Semiconductors 3005 Datasheet HTML 64Page - NXP Semiconductors 3005 Datasheet HTML 65Page - NXP Semiconductors 3005 Datasheet HTML 66Page - NXP Semiconductors 3005 Datasheet HTML 67Page - NXP Semiconductors 3005 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 130 page
background image
65
NXP Semiconductors RF Manual 16th edition
Key features
 40/110 GHz transition frequency allows for applications
up to 18 GHz and beyond
 High gain of 13.5 dB at 12 GHz with a low noise figure of 1.45 dB
 High linearity of 34 dBm (OIP3) at 1.8 GHz
 Consuming only 3 mA to generate 13.5 dB gain at 12 GHz
 Plastic surface-mount SOT343F package for high
performance and easy manufacturing
Applications
 Wideband applications that require
- Low-noise amplifiers
- High linearity and high output amplifiers
- Buffer amplifiers
- Mixers
- Oscillators
The devices in this family of sixth- (Si) and seventh- (SiGe:C)
generation RF transistors can be used to perform nearly any RF
function. For example, the BFUx10F, BFUx30F, BFU725/N1
2.5.3
QUBiC4SiandSiGe:CtransistorsforanyRFfunction
NXP wideband transistors BFU6x0F & BFU7x0F
These next-generation devices offer the best RF noise figure versus gain performance, drawing the
lowest current. This performance allows for better signal reception at low power and enables RF
receivers to operate more robustly in noisy environments.
can be used as low-noise amplifiers, while the BFUx60F
and BFUx90F can be used as high-linearity and high-output
amplifiers. Other options include using these transistors as
buffer amplifiers, mixers, and oscillators.
Higher transition frequencies (40 to 110 GHz) enable higher
application frequencies (24/77 GHz car radar, 18 GHz Ka band,
3.5-3.7 WiMas, etc.), and the devices meet the low current
requirements of wideband applications.
As a result, these devices are ideal for use in a very wide
range of applications: second and third LNA stage and
mixer stage in DBS LNBs, Ka/Ku band DROs, satellite radio
(SDARS) LNA, C-band/X-band high-output buffer amplifiers,
AMR, WLAN/WiFi, ZigBee, Bluetooth, FM radio, GPS, cellular
(LTE, UMTS), mobile TV, RKE, high-linearity applications, low
current battery-equipped applications, low-noise amplifiers for
microwave communications systems, medium output power
applications, microwave driver/buffer applications, and more.
Selection guide – specification
BFU610F
SOT343F
DFP4
6th
15
5.5
10
136
NPN
1.1
2.4
2
2
1.7
5.8
2
2
3
5.8
10
1.5
18
5.8
10
1.5
BFU630F
SOT343F
DFP4
6th
21
5.5
30
200
NPN
0.85
2.4
3
2
1.3
5.8
3
2
12.5
5.8
30
2.5
27.5
5.8
30
2.5
BFU660F
SOT343F
DFP4
6th
21
5.5
60
225
NPN
0.6
1.5
6
2
1.2
5.8
6
2
18.5
5.8
60
4
28
5.8
40
4
BFU690F
SOT343F
DFP4
6th
18
5.5
100
230
NPN
0.6
1.5
15
2
0.7
2.4
15
2
20
2.4
70
4
33
2.4
70
4
BFU710F
SOT343F
DFP4
7th
43
2.8
10
136
NPN
0.85
5.8
2
2
1.45
12
2
2
4.5
5.8
5
2.5
19.5
5.8
10
1.5
BFU725F/N1
SOT343F
DFP4
7th
55
2.8
40
136
NPN
0.7
5.8
5
2
1.1
12
5
2
8
5.8
25
2
19
5.8
25
2
BFU730F
SOT343F
DFP4
7th
55
2.8
30
197
NPN
0.8
5.8
5
2
1.3
12
5
2
12.5
5.8
15
2.5
29
5.8
20
2.5
BFU760F
SOT343F
DFP4
7th
45
2.8
70
220
NPN
0.4
1.5
12
2
0.5
2.4
12
2
18.5
5.8
30
2.5
33
5.8
30
2.5
BFU790F
SOT343F
DFP4
7th
25
2.8
100
234
NPN
0.4
1.5
20
2
0.5
2.4
20
2
19
2.4
60
2.5
34
2.4
30
2.5
Red = application note available on NXP.com
Selection guide – function
Function
LNAs,mixers,frequencymultipliers,buffers
High-linearity,high-outputamplifiers&drivers
Oscillators
Frequency
range
<6GHz
6GHz–12GHz
12GHz–
+18GHz
<6GHz
6GHz–12GHz
12GHz–18GHz
<6GHz
6GHz–12GHz
12GHz–
+18GHz
TypeBand
L,S,C
X,Kulow
Kuhigh,Ka
L,S,C
X,Kulow
Kuhigh
L,S,C
X,Kulow
Kuhigh,Ka
BFU610F
•
•
•
BFU630F
•
•
•
•
•
BFU660F
•
•
•
•
BFU690F
•
•
•
•
BFU725F/N1
•
•
•
•
•
•
•
BFU710F
•
•
•
•
BFU730F
•
•
•
•
•
•
•
•
BFU760F
•
•
•
•
•
BFU790F
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com