Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # 3005
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3005 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button 3005 Datasheet HTML 51Page - NXP Semiconductors 3005 Datasheet HTML 52Page - NXP Semiconductors 3005 Datasheet HTML 53Page - NXP Semiconductors 3005 Datasheet HTML 54Page - NXP Semiconductors 3005 Datasheet HTML 55Page - NXP Semiconductors 3005 Datasheet HTML 56Page - NXP Semiconductors 3005 Datasheet HTML 57Page - NXP Semiconductors 3005 Datasheet HTML 58Page - NXP Semiconductors 3005 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 130 page
background image
56
NXP Semiconductors RF Manual 16th edition
Fully integrated Ku-band downconverters TFF101xHN
The TFF101xHN is a family of fully integrated downconverters
for Ku-band LNBs. They give the best RF performance in terms
of phase noise, gain, and noise figure at the lowest current
consumption in the market.
Ku-band downconverter TFF101xHN/N1 for LNB
` Typical application: Universal single LNB & twin LNB
` Ultra-low current consumption: 52 mA over PVT
` Only 7 external components
` No inductors
` Single supply domain: 5 V
` Uses low-cost fundamental 25 MHz crystal
` High PL1dBo = 6 dBm / 3OIPo = 16 dBm
` Best-in-class PN < 1.4 deg RMS
- 10 kHz to 13 MHz integration bandwidth
` Multiple gain types available
- TFF1014HN/N1 36 dB
- TFF1015HN/N1 39 dB
- TFF1017HN/N1 42 dB
- TFF1018HN/N1 45 dB
` Flat gain over frequency (< 2 dBpp)
` Input & output matched 50 Ω
` Small leadless DHVQFN16 package (2.5 x 3.5 x 0.85 mm)
RF transistors BFU710F/730F
The BFU710F and BFU730F are wideband RF transistors that can
be used as an LNA or as a mixer for a DBS LNB in the Ku-band.
In either application, they deliver good noise and linearity, a
higher gain at a lower current consumption compared to their
GaAs pHEMT equivalents, and the cost advantage of silicon.
BFU710F as LNA in Ku-band LNB
` Typical application: LNA2 for single-output LNB
` Overall similar RF performance to GaAs pHemt LNAs
` Power consumption: 3.5 mA
` Single supply: 3/5/6 V
` High RF gain: 13.5 dB
` Low noise figure: 1.6 dB
` Linearity (OIP3): 12 dBm
2.3.2
CompletesatelliteportfolioforallLNBarchitectures
NXP Satellite LNB devices TFF101xHN, BFU710F/730F, and BGA28xx
Designed for use in LNAs, mixers, and IF amplifiers, these robust, small-footprint products are the latest
additions to NXP's leading portfolio for satellite LNB architectures. They are manufactured in NXP’s
groundbreaking QUBiC4X SiGe:C and QUBiC4+ process technologies.
BFU710F as mixer in Ku-band LNB
` Typical application: Active mixer for single-output LNB
` Single supply 3/5/6 V
` Low power consumption: 2.5 mA
` LO drive < 0 dBm
` SSB noise figure < 8 dB (including BPF at the input)
` SSB conversion gain > 5 dB (including BPF at the input)
` Linearity (OIP3) > 0 dBm
` LO-RF isolation min 20 dB
` RF match better than 10 dB
` IF match better than 8 dB
BFU730F as LNA in Ku-band LNB
` Typical application: LNA2 and LNA3 for multi-output LNB
` Overall similar RF performance to GaAs pHemt LNAs
` Power consumption: 11 mA
` Single supply 3/5/6 V
` Very high RF gain: 11.5 dB
` Low noise figure: 1.25 dB
` Linearity (OIP3) > 17 dBm
` Return loss > 10 dB
MMICs BGA28xx as IF amplifiers (first stage & output
stage)
For compatibility with existing designs, the series uses market
standard packages: the SOT363 and the pin-compliant
SOT363F. The pinning is identical to NXP’s current gain
block family, and the blocks deliver similar noise figures. New
features include flatter gain, a positive gain slope, improved
P1dB vs Icc, and no necessity for an output inductor.
` Internally matched at 50 Ω
` Gain slope > 0.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com