Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # 3005
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3005 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button 3005 Datasheet HTML 78Page - NXP Semiconductors 3005 Datasheet HTML 79Page - NXP Semiconductors 3005 Datasheet HTML 80Page - NXP Semiconductors 3005 Datasheet HTML 81Page - NXP Semiconductors 3005 Datasheet HTML 82Page - NXP Semiconductors 3005 Datasheet HTML 83Page - NXP Semiconductors 3005 Datasheet HTML 84Page - NXP Semiconductors 3005 Datasheet HTML 85Page - NXP Semiconductors 3005 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
83
NXP Semiconductors RF Manual 16th edition
RF power transistors for portable equipment (VHF)
BFG10
SOT143
8
250
400
NPN
7
1900
1
3.6
BFG10/X
SOT143
8
250
400
NPN
7
1900
1
3.6
BFG10W/X
SOT343
10
250
400
NPN
7
1900
1
3.6
BLT50
SOT223
10
500
2000
NPN
-
-
-
-
BLT70
SOT223H
8
250
2100
NPN
-
-
-
-
BLT80
SOT223
10
250
2000
NPN
-
-
-
-
BLT81
SOT223
9.5
500
2000
NPN
-
-
-
-
RF wideband transistors generations 1 to 3
BFS17
1
3
SOT23
1
15
25 300 NPN
-
-
-
-
-
-
-
-
4.5
500
2
5
-
-
-
-
BFS17W
1
3
SOT323
1.6
15
50 300 NPN
-
-
-
-
-
-
-
-
4.5
500
2
5
-
-
-
-
BFT25
1
1
SOT23
2.3
5
6.5
30
NPN
18
500
1
1
12
800
1
1
3.8
500
1
1
-
-
-
-
BFG25A/X
2
18
SOT143B
5
5
6.5
32
NPN
-
-
-
-
18
1000
0.5
1
1.8
1000
0.5
1
-
-
-
-
BFG25AW
2
18
SOT343N
5
5
6.5 500 NPN
-
-
-
-
16
2000
0.5
1
2
1000
1
1
-
-
-
-
BFG25AW/X
2
18
SOT343N
5
5
6.5 500 NPN
16 1000 0.5
1
8
2000
0.5
1
2
1000
1
1
-
-
-
-
BFG31
2
10
SOT223
5
-15 -100 1000 PNP
16
500 -70 -10
12
800
-70 -10
-
-
-
-
-
-
-
-
BFG35
2
11
SOT223
4
18 150 1000 NPN
15
500 100 10
11
800
100 10
-
-
-
-
-
-
-
-
BFG92A/X
2
7
SOT143B
5
15
25 400 NPN
16 1000 15
10
11
2000
15
10
2
1000
5
10
3
2000
5
10
BFG97
2
10
SOT223
5.5
15 100 1000 NPN
16
500
70
10
12
800
70
10
-
-
-
-
-
-
-
-
BFQ149
2
10
SOT89
5
-15 -100 1000 PNP
12
500 -50 -10
-
-
-
-
3.75
500
-50 -10
-
-
-
-
BFQ18A
2
11
SOT89
4
18 150 1000 NPN
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BFQ19
2
10
SOT89
5.5
15 100 1000 NPN 11.5 500
50
10
7.5
800
50
10
3.3
500
50
10
-
-
-
-
BFR106
2
10
SOT23
5
15 100 500 NPN
-
-
-
-
11.5
800
30
6
3.5
800
30
6
-
-
-
-
BFR92A
2
7
SOT23
5
15
25 300 NPN
14 1000 15
10
8
2000
15
10
3
2000
5
10
2.1
1000
5
10
BFR92AW
2
7
SOT323
5
15
25 300 NPN
14 1000 15
10
8
2000
15
10
2
1000
5
10
3
2000
5
10
BFS17A
2
4
SOT23
2.8
15
25 300 NPN
-
-
-
-
13.5
800
14
10
2.5
800
2
5
-
-
-
-
BFS25A
2
18
SOT323
5
5
6.5
32
NPN
-
-
-
-
13
1000
0.5
1
1.8
1000
1
1
-
-
-
-
BFT25A
2
18
SOT23
5
5
6.5
32
NPN
-
-
-
-
15
1000
0.5
1
1.8
1000
0.5
1
-
-
-
-
BFT92
2
7
SOT23
5
-15 -25 300 PNP
18
500 -14 -10
-
-
-
-
2.5
500
-5
-10
-
-
-
-
BFT92W
2
7
SOT323
4
-15 -35 300 PNP
17
500 -15 -10
11
1000
-15 -10 2.5
500
-5
-10
3
1000
-5
-10
BFT93
2
9
SOT23
5
-12 -35 300 PNP 16.5 500 -30
-5
2.4
500
-10
-5
-
-
-
-
BFT93W
2
9
SOT323
4
-12 -50 300 PNP 15.5 500 -30
-5
10
1000
-30
-5
2.4
500
-10
-5
3
1000
-10
-5
BFG135
3
16
SOT223
7
15 150 1000 NPN
16
500 100 10
12
800
100 10
-
-
-
-
-
-
-
-
BFG198
3
15
SOT223
8
10 100 1000 NPN
18
500
50
8
15
800
50
8
-
-
-
-
-
-
-
-
BFG590
3
22
SOT143B
5
15 200 400 NPN
13
900
80
4
7.5
2000
80
4
-
-
-
-
-
-
-
-
BFG590/X
3
22
SOT143B
5
15 200 400 NPN
13
900
80
4
7.5
2000
80
4
-
-
-
-
-
-
-
-
BFG591
3
22
SOT223
7
15 200 2000 NPN
13
900
70
12
7.5
2000
70
12
-
-
-
-
-
-
-
-
BFG67
3
14
SOT143B
8
10
50 380 NPN
17 1000 15
8
10
2000
15
8
1.7
1000
15
8
2.5
2000
5
8
BFG67/X
3
14
SOT143B
8
10
50 380 NPN
17 1000 15
8
10
2000
15
8
1.7
1000
15
8
2.5
2000
5
8
BFG93A
3
8
SOT143B
6
12
35 300 NPN
16 1000 30
8
10
2000
30
8
1.7
1000
5
8
2.3
2000
5
8
BFG93A/X
3
8
SOT143B
6
12
35 300 NPN
16 1000 30
8
10
2000
30
8
1.7
1000
5
8
2.3
2000
5
8
BFG94
3
8
SOT223
6
12
60 700 NPN
-
-
-
-
13.5 1000
45
10
2.7
500
45
10
3
1000
45
10
BFQ591
3
22
SOT89
7
15 200 2250 NPN
11
900
70
12
5.5
2000
70
12
-
-
-
-
-
-
-
-
BFQ67W
3
14
SOT323
8
10
50 300 NPN
13 1000 15
8
8
2000
15
8
1.3
1000
5
8
2.7
2000
15
8
BFR93A
3
8
SOT23
6
12
35 300 NPN
13 1000 30
8
7
2000
30
8
1.9
1000
5
8
3
2000
5
8
BFR94A^
3
8
SOT23
6
12
35 300 NPN
13 1000 30
8
7
2000
30
8
1.9
1000
5
8
3
2000
5
8
BFR93AR
3
8
SOT23
6
12
35 300 NPN
13 1000 30
8
7
2000
30
8
1.9
1000
5
8
3
2000
5
8
BFR93AW
3
8
SOT323
5
12
35 300 NPN
13 1000 30
8
8
2000
30
8
1.5
1000
5
8
2.1
2000
5
8
BFR94AW^
3
8
SOT323
5
12
35 300 NPN
13 1000 30
8
8
2000
30
8
1.5
1000
5
8
2.1
2000
5
8
Bold = highly recommended product ^ AEC-Q101 qualified (some limitations apply)
Wideband transistors
Function
LNAs, mixers, frequency multipliers, buffers
High-linearity, high-output amplifiers and
drivers
Oscillators
Frequency range
<6 GHz
6 GHz –
12 GHz
12 GHz –
+18 GHz
<6 GHz
6 GHz –
12 GHz
12 GHz –
18 GHz
<6 GHz
6 GHz –
12 GHz
12 GHz –
+18 GHz
Band
Type
L,S,C
X, Ku low
Ku high, Ka
L,S,C
X, Ku low
Ku high
L,S,C
X, Ku low
Ku high, Ka
BFU610F
•
•
•
BFU630F
•
•
•
•
•
BFU660F
•
•
•
•
BFU690F
•
•
•
•
BFU725F/N1
•
•
•
•
•
•
•
BFU710F
•
•
•
•
BFU730F
•
•
•
•
•
•
•
•
BFU760F
•
•
•
•
•
BFU790F
•
•
•
Red = application note available on NXP.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com