Electronic Components Datasheet Search
  English  ▼

X  

3005 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # 3005
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3005 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button 3005 Datasheet HTML 83Page - NXP Semiconductors 3005 Datasheet HTML 84Page - NXP Semiconductors 3005 Datasheet HTML 85Page - NXP Semiconductors 3005 Datasheet HTML 86Page - NXP Semiconductors 3005 Datasheet HTML 87Page - NXP Semiconductors 3005 Datasheet HTML 88Page - NXP Semiconductors 3005 Datasheet HTML 89Page - NXP Semiconductors 3005 Datasheet HTML 90Page - NXP Semiconductors 3005 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
88
NXP Semiconductors RF Manual 16th edition
3.4.2 Wireless infrastructure ICs
Low-noise PLL + VCO (LO generator) for wireless infrastructures
Type
Package
@ V
CC
@ I
CC
fi(ref)
VCO output
frequency
(MHz)
RF output
frequency
(MHz)
Normalized
phase noise
Phase noise
@ 1MHz
Integrated RMS
phase error
Programmable
output power
[typ]
[typ]
[min]
[max]
[max]
[max]
[typ]
(V)
(mA)
(MHz)
(dBc/Hz)
(dBc/Hz)
deg
(dBm)
BGX7300*
SOT1092-2
3.3
150
10 - 250
2200 - 2750
2750 - 3500
3500 - 4400
68 - 4400
-225
-134 (2.2 GHz carrier)
-133 (3.0 GHz carrier)
-131 (4.2 GHz carrier)
0.24°
@ 2.1 GHz
-5 to +5
IQ modulators for wireless infrastructure
Type
Package
@ V
CC
@ I
CC
flo
range
flo
Po
BWmod
Nflr(o) *
P
L(1dB)
IP2
O
IP3
O
SBS
CF
[typ]
[typ]
[typ]
[typ]
[typ]
[typ]
[typ]
[typ]
[typ]
[typ]
(V)
(mA)
(MHz)
(MHz)
(dBm)
(MHz)
(dBm/Hz)
(dBm)
(dBm)
(dBm)
(dBc)
(dBm)
BGX7100
SOT616-3
5
165
400 -
4000
750
-0.2
400
-159/-158.5
11.5
71
29
55
-55
165
910
-159/-158.5
11.5
72
29
49
-55
173
1840
-158.5/-158
11.5
69
27
47
-50
173
1960
-158.5/-158
11.5
72.5
27
49
-48
178
2140
-158.5/-158
11.5
74
27
51
-45
178
2650
-158/-158
11.5
62
26
60
-45
184
3650
-158/-158
11.5
60
25
53
-43
BGX7101
SOT616-3
5
172
400 -
4000
750
4
650
-159/-158.5
12
71
28
63
-51
172
910
-159/-158.5
12
75
28
49
-57
180
1840
-158.5/-158
12
71
27
55
-50
180
1960
-158.5/-158
12
72
27
57
-47
178
2140
-158.5/-158
12
75
27
63
-45
182
2650
-158/-158
12
65
26
50
-45
188
3650
-158/-158
12
65
25
57
-42
* Without modulation/with modulation
Dual mixers for wireless infrastructure
Type
Package
@ V
CC
@ I
CC
RF input
frequency
RF input
frequency
Local
oscillator
frequency
Local
oscillator
frequency
Second-order
spurious
rejection
2RF-2LO
NFSSB
single-
sideband
IP3
i
Gconv
[typ]
[typ]
[min]
[max]
[min]
[max]
[max]
[typ]
[typ]
[typ]
(V)
(mA)
(MHz)
(MHz)
(MHz)
(MHz)
(dBc)
(dB)
(dBm)
(dB)
BGX7220
SOT1092-2
5
330
700
950
500
1150
-60
10
26
8
BGX7221
SOT1092-2
5
365
1400
2700
1500
2500
-60
10
25.5
8.5
Bold red = new, highly recommended product
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com