Electronic Components Datasheet Search
  English  ▼

X  

BL8534 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8534 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.belling.com.cn
4
BL8534
PIN DESCRIPTION
CE
Chip Enable (Active high)
Vss
Ground
OUT
Output, Power supply for internal
LX
Switching Pin
NC
Not Connected
ELECTRICAL CHARACTERISTICS
SYMBOL
ITEM
TEST CONDITIONS
REFERENCE DATA
UNIT
Min
Typ
Max
Vout_rt
Rated Output
Voltage
2.45
2.5
2.55
V
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Iin
Input Current
Iout=0mA,
Vout=Vout*0.6
15
20
uA
Vstart
Start-up Voltage
Iout=1mA,
VS:0
→2V
0.8
0.9
V
Vhold
Hold-on Voltage
Iout=1mA,
VS:2
→0V
0.6
0.7
V
IDD
Quiescent
Current drawn
From Power
Source
Without external
components, Vout
=Vout_rt×1.05
4
7
uA
Rswon
Switch ON
Resistance
0.8
ILXleak
LX Leakage
Current
Vout=VLx=6V
(VCE=0V in 5 pins
packages)
0.5
5
uA
VCEH
CE “H”
Threshold
Voltage
VCE:0
→2V
0.8
V
VCEL
CE “L”
Threshold
Voltage
VCE: 2
→0V
0.3
V
Fosc_max
Oscillator
Frequency
LX on “L” side
Vout=Vout_rt*0.96
150
KHz
TOFF_MIN
Minimum Off
Time
1.4
uS
Maxdty
Oscillator Duty
Cycle
LX on “L” side
70
75
80
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com