Electronic Components Datasheet Search
  English  ▼

X  

BL8534 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.belling.com.cn
8
BL8534
TYPICAL PERFORMANCE CHARACTERISTICS
Recommended operating conditions: Cin=47uF, Cout=100uF, Topt=25
°C. (Unless otherwise noted)
And all the tests below are made on BL8534CC3TR33.
Quiescent Current VS Input Voltage
0
10
20
30
40
50
1
1.5
2
2.5
3
Input Voltage(V)
Quiescent Current VS Input Voltage
0
10
20
30
40
50
1
1.5
2
2.5
3
Input Voltage(V)
Output Voltage VS Output Current
0
1
2
3
4
0
200
400
600
800
Output Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
Output Voltage VS Output Current
0
1
2
3
4
0
200
400
600
800
Output Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
Efficiency VS Load Current
0%
20%
40%
60%
80%
100%
1
10
100
1000
Load Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
Efficiency VS Load Current
0%
20%
40%
60%
80%
100%
1
10
100
1000
Load Current(mA)
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.2V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=1.5V
VIN=2V
VIN=2V
VIN=2V
VIN=2V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=2.5V
VIN=3V
VIN=3V
VIN=3V
VIN=3V
L=10uH
L=10uH
L=10uH
L=47uH
L=47uH
L=47uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com